Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 68 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 68 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 64Page - Texas Instruments TNETX3150A Datasheet HTML 65Page - Texas Instruments TNETX3150A Datasheet HTML 66Page - Texas Instruments TNETX3150A Datasheet HTML 67Page - Texas Instruments TNETX3150A Datasheet HTML 68Page - Texas Instruments TNETX3150A Datasheet HTML 69Page - Texas Instruments TNETX3150A Datasheet HTML 70Page - Texas Instruments TNETX3150A Datasheet HTML 71Page - Texas Instruments TNETX3150A Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
68
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements (see Note 6 and Figure 21)
DRAM interface
NO.
MIN
MAX
UNIT
1
tsu(DD)
Setup time, DD35–DD0 valid before OSCIN
3
ns
2
tsu(DWE)
Setup time, from DWE
↓ to OSCIN↑
4
ns
3
tsu(DRAS)
Setup time, from DRAS
↓ to OSCIN↑
4
ns
4
tsu(DCAS)
Setup time, from DCAS
↓ to OSCIN↑
5
ns
5
th(DD)
Hold time, DD35–DD0 valid after OSCIN
3
ns
6
th(DWE)
Hold time, DWE low after OSCIN
3
ns
7
th(DRAS)
Hold time, DRAS low after OSCIN
3
ns
8
th(DCAS)
Hold time, DCAS low after OSCIN
3
ns
† DD35–DD0 data is available for two cycles
NOTE 6: The TNETX15AE listens on the DRAM interface to extract frame information. The TNETX15AE extracts information on only the write
cycles. The TNETX15AE does not output any signals to the DRAM interface. The only parameters that apply to the TNETX15AE on
this interface are delay times, with respect to OSCIN, that translate into the TNETX15AE setup times.
OSCIN
(Input)
Data
DWE
(Input)
DRAS
(Input)
DCAS
(Input)
DD35–DD0
(Input)
1
4
2
Z
Z
TNETX15AE Latches Here
3
5
6
7
8
Figure 21. DRAM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com