Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150A Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 1 Page - Texas Instruments

  TNETX3150A Datasheet HTML 1Page - Texas Instruments TNETX3150A Datasheet HTML 2Page - Texas Instruments TNETX3150A Datasheet HTML 3Page - Texas Instruments TNETX3150A Datasheet HTML 4Page - Texas Instruments TNETX3150A Datasheet HTML 5Page - Texas Instruments TNETX3150A Datasheet HTML 6Page - Texas Instruments TNETX3150A Datasheet HTML 7Page - Texas Instruments TNETX3150A Datasheet HTML 8Page - Texas Instruments TNETX3150A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Provides up to 8K-Address Matching
System
D Provides Glueless External-Address
Match (EAM) Interface to the
TNETX3150/TNETX3150A/TNETX3100
D Uses Standard Off-the-Shelf 15-ns SRAMs
D EEPROM Interface for Auto-Configuration,
No CPU Needed
D Automatic Aging Through User-Selectable
Aging (AGE) Threshold
D Fabricated in 3.3-V Low-Voltage
Technology
D Requires 3.3-V and 5-V Power Supplies
D 5-V Tolerant I/Os
D Provides Direct Input/Output (DIO) Interface
for Management Access and Control (MAC)
of the Address-Lookup Table
D Address Lookups, Adds, and Deletes Are
Automatically Performed in Hardware
D User-Selectable Interrupts Simplify the
Management Operations
D Secure Addresses From Changing Ports
D MII Data I/O (MDIO) PHY Management
Interface
D Management Access to Statistic Registers
D JTAG Compliant
D Packaged in 144-Terminal Plastic Quad
Flatpack
description
The TNETX15AE performs the address-lookup function for either the TNETX3150/TNETX3150A or the
TNETX3100 Ethernet
™ switch. The TNETX15AE device determines the addresses to use and match from the
TNETX3150/TNETX3150A/TNETX3100 DRAM bus. The address-lookup table is maintained in external
SRAM. The frame-matching and routing information is given to the TNETX3150/TNETX3150A/TNETX3100
through the external address-matching (EAM) interface.
The TNETX15AE is designed to work in either unmanaged or managed mode. Unmanaged operation is
accomplished through EEPROM support. Startup options are auto-loaded into the TNETX15AE registers using
the EEPROM interface. If the TNETX15AE is initialized by automatic loading from the EEPROM, it begins
operation automatically.
All functions of this device are fully controllable by management through a direct input/output (DIO) interface.
In addition, this device can interrupt the external management processor with user-selectable interrupts. This
device also provides support for easy management control of IEEE Std 802.3u media-independent interface
(MII) managed devices. A typical application is shown in Figure 1.
MII-Managed Devices (Optional)
Microprocessor
(Optional)
SRAM
EEPROM
DWE
DCAS
DRAS
DD35–DD0
Address-Lookup
Device
TNETX15AE
ThunderSWITCH
TNETX3150/
TNETX3150A/
TNETX3100
EAM
DIO
EINT
MDIO
DRAM
Figure 1. TNETX15AE Typical Application
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI and ThunderSWITCH are trademarks of Texas Instruments Incorporated.
Ethernet is a trademark of Xerox Corporation.


Similar Part No. - TNETX3150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETX3150A TI1-TNETX3150A Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150AGGP TI1-TNETX3150AGGP Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
More results

Similar Description - TNETX3150A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240 Datasheet
141Kb / 6P
Address Sequencer
February 1998
logo
Summit Microelectronics...
SML2120 SUMMIT-SML2120 Datasheet
1Mb / 32P
Programmable Adaptive Laser Power Controller with Dual Lookup Tables
logo
Intersil Corporation
HSP45240 INTERSIL-HSP45240_04 Datasheet
283Kb / 13P
Address Sequencer
July 2004
HSP45240 INTERSIL-HSP45240_99 Datasheet
227Kb / 6P
Address Sequencer
December 1999
logo
Texas Instruments
TNETX15VE TI1-TNETX15VE Datasheet
1Mb / 113P
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
TNETX15AEPGE TI1-TNETX15AEPGE Datasheet
990Kb / 79P
ADDRESS-LOOKUP DEVICE
logo
Xilinx, Inc
DS400 XILINX-DS400 Datasheet
1Mb / 45P
PLB address pipelining
logo
Rockchip Electronics Co...
RK3399 ROCKCHIP-RK3399 Datasheet
6Mb / 824P
Address Mapping
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Renesas Technology Corp
HSP45240 RENESAS-HSP45240 Datasheet
289Kb / 13P
Address Sequencer
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com