| Electronic Components Datasheet Search |
|
TNETX3150A Datasheet(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150A Datasheet(HTML) 29 Page - Texas Instruments |
|
29 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 29 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 new-add aged-del register set The add/delete register set is used by the state machines (logic operations) to report on stations’ addresses that have been added, deleted, or involved in port security violations as executed by the internal state machines, or to request such actions be taken on the specified address on behalf of the host. The newnode and agednode set of registers send status information from the state machines to the host following an interrupt. Addnode and delnode registers are host information/actions to be applied to the TNETX15AE table. The status groups (new, aged) are covered in detail first, followed by the host command groups (add, delete). REGISTER SET AND ADDRESSES BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Adddelcontrol 0x2C Newnode23–Newnode16 Newnode31–Newnode24 Newnode39–Newnode32 Newnode47–Newnode40 0x30 Newport Newnode7–Newnode0 Newnode15–Newnode8 0x34 Addnode23–Addnode16 Addnode31–Addnode24 Addnode39–Addnode32 Addnode47–Addnode40 0x38 Addport Addnode7–Addnode0 Addnode15–Addnode8 0x3C Agednode23–Agednode16 Agednode31–Agednode24 Agednode39–Agednode32 Agednode47–Agednode40 0x40 Agedport Agednode7–Agednode0 Agednode15–Agednode8 0x44 Delnode23–Delnode16 Delnode31–Delnode24 Delnode39–Delnode32 Delnode47–Delnode40 0x48 Delnode7–Delnode0 Delnode15–Delnode8 0x4C new-node/port-change/security-violation interrupt interface at 0x30–0x37 (DIO) BYTE 3 BYTE 2 BYTE 1 BYTE 0 DIO ADDRESS Newnode23–Newnode16 Newnode31–Newnode24 Newnode39–Newnode32 Newnode47–Newnode40 0x30 Newport Newnode7–Newnode0 Newnode15–Newnode8 0x34 The new-node/port-change/security-violation interrupt interface is used with the int and intmask registers to exchange information relating to new addresses being added or modified in the lookup table following a wire event. This means a new source address was seen, a source address was seen on a new port, or a source address was seen on a port other than the one where it was secured, regardless of the state of the NAUTO bit in the control register. These registers are valid on a NEW, CHNG, or SECVIO interrupt. These registers are read only and default to 0 on reset. With NAUTO = 0, a new address is already added to the table. With NAUTO = 1, the host CPU gets notification of a new address via these registers and must perform the add. To avoid the data in these registers from being changed if another interrupt occurs while reading the current data, the data in these registers is locked until the most-significant byte of the newport register is read. The bit definition follows: new-address register, newnode at 0x30–0x35 (DIO) The newnode registers contain the node address (in Ethernet native data format) for which the interrupt was given. The default value of this register after reset is 0x00.00.00.00.00.00. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |