Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2125 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF2125
Description  REF2125 Low-Drift, Low-Power, Small-Footprint, Series Voltage Reference With Clean Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2125 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF2125 Datasheet HTML 6Page - Texas Instruments REF2125 Datasheet HTML 7Page - Texas Instruments REF2125 Datasheet HTML 8Page - Texas Instruments REF2125 Datasheet HTML 9Page - Texas Instruments REF2125 Datasheet HTML 10Page - Texas Instruments REF2125 Datasheet HTML 11Page - Texas Instruments REF2125 Datasheet HTML 12Page - Texas Instruments REF2125 Datasheet HTML 13Page - Texas Instruments REF2125 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Hours
0
100
200
300
400
500
600
700
800
900 1000
-25
-15
-5
5
15
25
35
45
55
65
D015
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
30
32.5
35
37.5
40
42.5
45
47.5
50
52.5
55
D021
Time 1s/div
D08_
10
REF2125
SBAS798 – SEPTEMBER 2017
www.ti.com
Product Folder Links: REF2125
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = 12 V, IL = 0 mA , CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
Figure 19. Load Regulation Sinking
Figure 20. 0.1-Hz to 10-Hz Noise (VREF)
Figure 21. Long Term Stability - 1000 hours (VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com