Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2125 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # REF2125
Description  REF2125 Low-Drift, Low-Power, Small-Footprint, Series Voltage Reference With Clean Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2125 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF2125 Datasheet HTML 11Page - Texas Instruments REF2125 Datasheet HTML 12Page - Texas Instruments REF2125 Datasheet HTML 13Page - Texas Instruments REF2125 Datasheet HTML 14Page - Texas Instruments REF2125 Datasheet HTML 15Page - Texas Instruments REF2125 Datasheet HTML 16Page - Texas Instruments REF2125 Datasheet HTML 17Page - Texas Instruments REF2125 Datasheet HTML 18Page - Texas Instruments REF2125 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
J
A
D
JA
T
T
P
R
T
u
REF(MAX)
REF(MIN)
6
REF
V
V
Drift =
10
V
Temperature Range
·
§
u
¸
¨
u
©
¹
Bandgap
core
Buffer
Digital
Enable
Blocks
Clean
EN
IN
CS
GND
OUT
Start
Vdd
Copyright © 2017, Texas Instruments Incorporated
15
REF2125
www.ti.com
SBAS798 – SEPTEMBER 2017
Product Folder Links: REF2125
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The REF2125 is part of a family of low-noise, precision bandgap voltage references that are specifically designed
for excellent initial voltage accuracy and drift. The Functional Block Diagram is a simplified block diagram of the
REF2125 showing basic band-gap topology.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Supply Voltage
The REF2125 family of references features an extremely low dropout voltage. The REF2125 can be operated
with a supply of only 1 mV above the output voltage in an unloaded condition. For loaded conditions, a typical
dropout voltage versus load is shown on the front page. The REF2125 features a low quiescent current that is
extremely stable over changes in both temperature and supply. The typical room temperature quiescent current
is 72 μA, and the maximum quiescent current over temperature is just 95 μA. Supply voltages below the
specified levels can cause the REF2125 to momentarily draw currents greater than the typical quiescent current.
Use a power supply with a fast rising edge and low output impedance to easily prevent this issue.
8.3.2 Low Temperature Drift
The REF2125 is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by Equation 3:
(3)
8.3.3 Load Current
The REF2125 family is specified to deliver a current load of ±10 mA per output. The VREF output of the device
are protected from short circuits by limiting the output short-circuit current to 18 mA. The device temperature
increases according to Equation 4:
where
•
TJ = junction temperature (°C),
•
TA = ambient temperature (°C),
•
PD = power dissipated (W), and
•
RθJA = junction-to-ambient thermal resistance (°C/W)
(4)
The REF2125 maximum junction temperature must not exceed the absolute maximum rating of 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com