Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2125 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # REF2125
Description  REF2125 Low-Drift, Low-Power, Small-Footprint, Series Voltage Reference With Clean Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2125 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF2125 Datasheet HTML 12Page - Texas Instruments REF2125 Datasheet HTML 13Page - Texas Instruments REF2125 Datasheet HTML 14Page - Texas Instruments REF2125 Datasheet HTML 15Page - Texas Instruments REF2125 Datasheet HTML 16Page - Texas Instruments REF2125 Datasheet HTML 17Page - Texas Instruments REF2125 Datasheet HTML 18Page - Texas Instruments REF2125 Datasheet HTML 19Page - Texas Instruments REF2125 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
|
P
P u
PEAK
CS
I
466 A 13.54 A R
16
REF2125
SBAS798 – SEPTEMBER 2017
www.ti.com
Product Folder Links: REF2125
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Clean Start Feature
In many applications (for example, loop powered applications), the supply at VIN has inductive impedance. This
can cause the supply to dip during start-up because of the large output capacitor connected to the voltage
reference and the inductive supply. The REF2125 family has an internal clean start block to control the peak of
the inrush current during start-up. This feature is illustrated in Functional Block Diagram. The peak of inrush
current can be calculated as Equation 5:
where
•
IPEAK = Peak of inrush current (µA), has a range of [0.5 mA, 19 mA],
•
Rcs = External resistor connected to the CS pin
(5)
During power up, IPEAK is split between the device current and output current. The output current (IOUT) is split
between output capacitor and load current (ILOAD). The device current can be estimated to be IQ+IOUT/183, where
IQ is quiescent current at no load. Hence for a given ILOAD it is important to choose Rcs such that IPEAK is larger
than ILOAD. Above equations capture typical characteristics and hence it is suggested to include ±25% margins
while budgeting for inrush current and also while choosing Rcs for a given ILOAD. This inrush current continues to
stay at the limiting value (IPEAK) till output reaches close to VREF (2.5 V).
When a Ccs is also connected in parallel to Rcs, The inrush current limit shall rise exponentially to the steady
state value (IPEAK) as calculated using above equations, with a time constant of Rcs × Ccs. Hence the initial (and
maximum) rate of rise of inrush current shall be IPEAK /(Rcs × Ccs). Because the inrush current rate is limited, the
loop powered supply dip is controlled.
8.4 Device Functional Modes
8.4.1
EN Pin
When the ENABLE pin of the REF2125 is pulled high, the device is in active mode. The device must be in active
mode for normal operation. The REF2125 can be placed in a low-power mode by pulling the ENABLE pin low.
When in shutdown mode, the output of the device becomes high impedance and the quiescent current of the
device reduces to 2 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage. See
the Thermal Information for logic high and logic low voltage levels.
8.4.2 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF2125 and OPA735 can be used to
provide a dual-supply reference from a 5-V supply. Figure 27 shows the REF2125 used to provide a 2.5-V supply
reference voltage. The low drift performance of the REF2125 complements the low offset voltage and zero drift of
the OPA735 to provide an accurate solution for split-supply applications. Take care to match the temperature
coefficients of R1 and R2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com