Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2125 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF2125
Description  REF2125 Low-Drift, Low-Power, Small-Footprint, Series Voltage Reference With Clean Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2125 Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF2125 Datasheet HTML 8Page - Texas Instruments REF2125 Datasheet HTML 9Page - Texas Instruments REF2125 Datasheet HTML 10Page - Texas Instruments REF2125 Datasheet HTML 11Page - Texas Instruments REF2125 Datasheet HTML 12Page - Texas Instruments REF2125 Datasheet HTML 13Page - Texas Instruments REF2125 Datasheet HTML 14Page - Texas Instruments REF2125 Datasheet HTML 15Page - Texas Instruments REF2125 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
6
PRE
POST
HYST
NOM
| V
V
|
V
10
ppm
V
§
·
u
¨
¸
©
¹
Hours
0
100
200
300
400
500
600
700
800
900 1000
-25
-15
-5
5
15
25
35
45
55
65
D015
12
REF2125
SBAS798 – SEPTEMBER 2017
www.ti.com
Product Folder Links: REF2125
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.2 Long-Term Stability
One of the key parameters of the REF2125 reference is long-term stability. Typical characteristic expressed as:
curves shows the typical drift value for the REF2125 is 30 ppm from 0 to 1000 hours. This parameter is
characterized by measuring 32 units at regular intervals for a period of 1000 hours. It is important to understand
that long-term stability is not ensured by design and that the output from the device may shift beyond the typical
30 ppm specification at any time. For systems that require highly stable output voltages over long periods of
time, the designer should consider burning in the devices prior to use to minimize the amount of output drift
exhibited by the reference over time
Figure 24. Long Term Stability - 1000 hours (VREF)
7.3 Thermal Hysteresis
Thermal hysteresis is measured with the REF2125 soldered to a PCB, similar to a real-world application.
Thermal hysteresis for the device is defined as the change in output voltage after operating the device at 25°C,
cycling the device through the specified temperature range, and returning to 25°C. Hysteresis can be expressed
by Equation 1:
where
•
VHYST = thermal hysteresis (in units of ppm)
•
VNOM = the specified output voltage
•
VPRE = output voltage measured at 25°C pre-temperature cycling
•
VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of –40°C to +125°C and returns to 25°C.
(1)
Typical thermal hysteresis distribution is as shown in Figure 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com