Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2125 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF2125
Description  REF2125 Low-Drift, Low-Power, Small-Footprint, Series Voltage Reference With Clean Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2125 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF2125 Datasheet HTML 9Page - Texas Instruments REF2125 Datasheet HTML 10Page - Texas Instruments REF2125 Datasheet HTML 11Page - Texas Instruments REF2125 Datasheet HTML 12Page - Texas Instruments REF2125 Datasheet HTML 13Page - Texas Instruments REF2125 Datasheet HTML 14Page - Texas Instruments REF2125 Datasheet HTML 15Page - Texas Instruments REF2125 Datasheet HTML 16Page - Texas Instruments REF2125 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
J
A
D
JA
T
T
P
R
T
u
Thermal Hysteresis - Cycle 1 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
13
REF2125
www.ti.com
SBAS798 – SEPTEMBER 2017
Product Folder Links: REF2125
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Thermal Hysteresis (continued)
Figure 25. Thermal Hysteresis Distribution (VREF)
7.4 Power Dissipation
The REF2125 voltage reference is capable of source and sink up to 10 mA of load current across the rated input
voltage range. However, when used in applications subject to high ambient temperatures, the input voltage and
load current must be carefully monitored to ensure that the device does not exceeded its maximum power
dissipation rating. The maximum power dissipation of the device can be calculated with Equation 2:
where
•
PD is the device power dissipation
•
TJ is the device junction temperature
•
TA is the ambient temperature
•
RθJA is the package (junction-to-air) thermal resistance
(2)
Because of this relationship, acceptable load current in high temperature conditions may be less than the
maximum current-sourcing capability of the device. In no case should the part be operated outside of its
maximum power rating because doing so can result in premature failure or permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com