Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9656 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices AD9656 Datasheet HTML 39Page - Analog Devices AD9656 Datasheet HTML 40Page - Analog Devices AD9656 Datasheet HTML 41Page - Analog Devices AD9656 Datasheet HTML 42Page - Analog Devices AD9656 Datasheet HTML 43Page - Analog Devices AD9656 Datasheet HTML 44Page - Analog Devices AD9656 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
AD9656
Data Sheet
Rev. A | Page 40 of 46
Addr
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Notes/
Comments
0x5F
JESD204B Link
CTRL 1
Open
Tail bits
mode:
0 = fill
with 0s,
1 = fill with
9-bit PN
sequence
JTX
transport
layer test:
0 = not
enabled,
1 = long
transport
layer test
enabled
Multiframe
alignment
character
insertion:
0 =
disabled,
1 =
enabled
ILAS mode:
00 = ILAS disabled,
01 = ILAS enabled
(normal mode),
11 = ILAS always on (test mode)
Frame
alignment
character
insertion:
0 =
enabled,
1 =
disabled
0 = JTX
link
enabled,
1 = JTX
link
disabled
0x14
0x60
JESD204B Link
CTRL 2
Reserved
SYNCINB±
pin
invert:
0 = not
inverted,
1 =
inverted
SYNCINB±
pin input
bias:
0 =
disabled,
1 =
enabled
Open
Open
JTX output
invert:
0 =
normal,
1 =
inverted
Reserved
0x10
0x61
JESD204B Link
CTRL 3
Reserved
Reserved
Test data injection point:
01 = 10-bit data injected
at 8b/10b encoder output,
10 = 8-bit data at
scrambler input
JTX test mode patterns:
0000 = normal operation (test mode disabled),
0001 = alternating checkerboard,
0010 = 1/0 word toggle,
0011 = PN sequence PN23,
0100 = PN sequence PN9,
0101= continuous/repeat user test mode,
0110 = single user test mode,
0111 = reserved,
1000 = modified RPAT test sequence (8-bit data only),
1100 = PN sequence PN7,
1101 = PN sequence PN15,
other setting are unused
0x00
0x62
JESD204B Link
CTRL 4
Reserved
0x00
0x64
JESD204B DID
configuration
Device identification (DID) = C0
0xC0
Read only.
0x65
JESD204B BID
configuration
Open
Open
Open
Open
JTX bank identification (BID) number
0x00
0x66
JESD204B LID
Configuration 0
Open
Open
Open
JTX lane identification (LID) number for Lane 0
0x00
0x67
JESD204B LID
Configuration 1
Open
Open
Open
JTX lane identification (LID) number for Lane 1
0x01
0x68
JESD204B LID
Configuration 2
Open
Open
Open
JTX lane identification (LID) number for Lane 2
0x02
0x69
JESD204B LID
Configuration 3
Open
Open
Open
JTX lane identification (LID) number for Lane 3
0x03
0x6E
JESD204B
parameters,
SCR/L
JESD204B
scrambling
(SCR): 0 =
disabled,
1 =
enabled
Open
Open
JESD204B serial lane control:
0 = one lane per link (L = 1),
1 = two lanes per link (L = 2),
2 = unused,
3 = four lanes per link (L = 4),
4 to 31 = unused
0x80
0x6F
JESD204B
parameters, F
JESD204B number of octets per frame (F); calculated value, F = (2 × M)/L
0x00
Read only.
0x70
JESD204B
parameters, K
Open
Open
Open
JESD204B number of frames per multiframe (K); K = register contents + 1,
but also must be a multiple of four octets
0x1F
0x71
JESD204B
parameters, M
JESD204B number of converters (M): 0 = one converter (M = 1), 1 = two converters (M = 2), 3 = four converters (M = 4, default)
0x03
0x72
JESD204B
parameters,
CS/N
00 = number of
control bits
sent per sample (CS = 0)
Open
JTX converter resolution (N):
0x0F = 16-bit,
0x0D = 14-bit,
0x0B = 12-bit,
0x09 = 10-bit
0x0F
0x73
JESD204B
parameters,
subclass/Np
JESD204B subclass;
0x0 = Subclass 0;
0x1 = Subclass 1 (default)
JESD204B number of bits per sample (N’); N’ = register contents + 1
0x2F
0x74
JESD204B
parameters, S
Reserved
JESD204B converter samples per frame (S); S = register contents + 1
0x20
Read only.
0x75
JESD204B
parameters,
HD and CF
JESD204B
HD
value = 0
Open
Open
JESD204B control words per frame clock cycle per link (CF = 0, fixed)
0x00
Read only.
0x76
JESD204B
RESV1
JESD204B Serial Reserved Field No. 1 in link configuration, see Table 12 (RES1)
0x00
0x77
JESD204B
RESV2
JESD204B Serial Reserved Field No. 2 in link configuration, see Table 12 (RES2)
0x00
0x78
JESD204B
CHKSUM0
JESD204B serial checksum value in link configuration, see Table 12 for Lane 0 (FCHK)
Read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com