Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9656 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices AD9656 Datasheet HTML 33Page - Analog Devices AD9656 Datasheet HTML 34Page - Analog Devices AD9656 Datasheet HTML 35Page - Analog Devices AD9656 Datasheet HTML 36Page - Analog Devices AD9656 Datasheet HTML 37Page - Analog Devices AD9656 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 33 of 46
Frame and Lane Alignment Monitoring and Correction
Frame alignment monitoring and correction is part of the JESD204B
specification. The 16-bit word requires two octets to transmit all
the data. The two octets (MSB and LSB), where F = 2, make up
a frame. During normal operating conditions, frame alignment
is monitored via alignment characters, which are inserted under
certain conditions at the end of a frame. Table 16 summarizes the
conditions for character insertion, along with the expected characters
under the various operation modes. If lane synchronization is
enabled, the replacement character value depends on whether
the octet is at the end of a frame or at the end of a multiframe.
Based on the operating mode, the receiver can ensure that it is
still synchronized to the frame boundary by correctly receiving
the replacement characters.
Digital Outputs and Timing
The AD9656 has differential digital outputs that power up by
default. The driver current is derived on chip and sets the output
current at each output equal to a nominal 3 mA. Each output
presents a 100 Ω dynamic internal termination to reduce
unwanted reflections.
The AD9656 digital outputs can interface with custom ASICs and
FPGA receivers, providing superior switching performance in
noisy environments. Single point to point network topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible.
For receiver inputs that are self biased, or with input common
mode requirements not within the bounds of the AD9656
DRVDD supply, use an ac-coupled connection as shown in
Figure 71. Place a 0.1 μF series capacitor on each output pin and
use a 100 Ω differential termination close to the receiver side. The
100 Ω differential termination results in a nominal 600 mV p-p
differential swing at the receiver. In the case where the receiver
inputs are not self biased, single-ended 50 Ω terminations can be
used. When single-ended terminations are used, the termination
voltage (VRXCM) must be chosen to match the input requirements
of the receiver.
100Ω
50Ω
50Ω
100Ω
DIFFERENTIAL
TRACE PAIR
SERDOUTx+
DRVDD
VRXCM
SINGLE-ENDED
TERMINATION
DIFFERENTIAL
TERMINATION
OR
SERDOUTx–
VCM = Rx VCM
OUTPUT SWING = 600mV p-p
DIFFERENTIAL
0.1µF
0.1µF
RECEIVER
Figure 71. AC-Coupled Digital Output Termination Example
For receivers with input common mode voltage requirements
matching the output common mode voltage (DRVDD/2) of the
AD9656, a dc-coupled connection can be used. The common
mode of the digital output automatically biases itself to half of
DRVDD (0.9 V for DRVDD = 1.8 V) (see Figure 72).
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DRVDD
VCM = DRVDD/2
OUTPUT SWING = 600mV p-p
DIFFERENTIAL
RECEIVER
SERDOUTx+
SERDOUTx–
Figure 72. DC-Coupled Digital Output Termination Example
If there is no far-end receiver termination, or if there is poor
differential trace routing, timing errors can result. To avoid such
timing errors, it is recommended that the trace length be less than
six inches and the differential output traces be close together and of
equal lengths.
Figure 73 shows an example of the digital output data eye and
time interval error (TIE) jitter histogram and bathtub curve for
an AD9656 lane running at 6.4 Gbps.
The maximum allowable data rate per lane is 8 Gbps. In some
configurations, the AD9656 maximum conversion rate is limited
by the maximum allowable data rate. The output data rate per
lane is calculated as follows:
L
Rate
Sample
N
M
Rate
Data
/
)
)
8
/
10
(
(
where M (number of converters), N (resolution), and
L (Number of lanes) are defined in the JESD204B Overview
section. For example, with M = 4, N = 16, and L = 1; the sample
rate is limited to 100 Msps.
Additional SPI options allow the user to further increase the
output driver voltage swing of all four outputs to drive longer
trace lengths (see Register 0x15 in Table 19). The power
dissipation of the DRVDD supply increases when this option is
used. See the Memory Map section for more information.
The format of the output data is twos complement by default.
To change the output data format to offset binary, see the
Memory Map section and Register 0x14 in Table 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com