Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9656 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9656 Datasheet HTML 39Page - Analog Devices AD9656 Datasheet HTML 40Page - Analog Devices AD9656 Datasheet HTML 41Page - Analog Devices AD9656 Datasheet HTML 42Page - Analog Devices AD9656 Datasheet HTML 43Page - Analog Devices AD9656 Datasheet HTML 44Page - Analog Devices AD9656 Datasheet HTML 45Page - Analog Devices AD9656 Datasheet HTML 46Page - Analog Devices AD9656 Datasheet HTML 47Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 43 of 46
JTX User Pattern (Register 0xA0 to Register 0xA7)
The pattern in these registers is output on all active lanes when
Register 0x61, Bits[3:0] are set to 5 or 6. A 32-bit pattern, the
concatenation of Register 0xA0, Register 0xA2, Register 0xA4,
and Register 0xA6 is inserted before the scrambler if Register 0x61,
Bits[5:4] are set to 2. If Register 0x61, Bits[5:4] are set to 1 (a 40-bit
pattern), the concatenation of Register 0xA1, Bits[1:0] and
Register 0xA0, Bits[7:0]; Register 0xA3, Bits[1:0] and
Register 0xA2, Bits[7:0]; Register 0xA5, Bits[1:0] and
Register 0xA4, Bits[7:0]; Register 0xA7, Bits[1:0] and
Register 0xA6, Bits[7:0] is inserted after the 8b/10b encoder.
Resolution/Sample Rate Override (Register 0x100)
This register allows the user to downgrade the resolution and/or
the maximum sample rate (for lower power) in applications that do
not require full resolution and/or sample rate. Settings in this
register are not initialized until Bit 0 of the transfer register
(Register 0xFF) is written high.
Bits[2:0] do not affect the sample rate; they affect the maximum
sample rate capability of the ADC.
Writing to Register 0x100 reverts other registers to defaults. If
nondefault configurations are desired, write to Register 0x100
first, and then perform other desired SPI operations to preserve
the desired configuration.
User I/O Control 2 (Register 0x101)
Bit 0—SDIO Pull-Down
Bit 0 can be set to disable the internal 30 kΩ pull-down resistor
on the SDIO pin. This setting can limit the loading when many
devices are connected to the SPI bus.
User I/O Control 3 (Register 0x102)
Bit 3—VCM Power-Down
Bit 3 can be set high to power down the internal VCM generator.
This feature is used when applying an external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com