Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9656 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices AD9656 Datasheet HTML 27Page - Analog Devices AD9656 Datasheet HTML 28Page - Analog Devices AD9656 Datasheet HTML 29Page - Analog Devices AD9656 Datasheet HTML 30Page - Analog Devices AD9656 Datasheet HTML 31Page - Analog Devices AD9656 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 27 of 46
JESD204B Configurations
Figure 68 shows a simplified conceptual block diagram of the
AD9656 JESD204B link. By default, the AD9656 is configured
to use four converters and one lane. The AD9656 allows for other
configurations such as combining the outputs of two of the four
converters onto a single lane resulting in the data from the four
converters being output on two lanes. The mapping of the 0, 1,
2, and 3 digital output paths can be changed. These modes are
set up through a quick configuration register in the SPI register
map, along with additional customizable options.
By default in the AD9656, the 16-bit word from each converter
is divided into two octets (8 bits of data each). Bit 0 (MSB)
through Bit 7 are in the first octet and Bit 8 through Bit 15 (LSB)
are the second octet.
The two resulting octets can be scrambled. Scrambling is
optional; however, it is available to avoid spectral peaks when
transmitting similar digital data patterns. The scrambler uses a
self synchronizing, polynomial-based algorithm defined by the
equation 1 + x14 + x15. The descrambler in the receiver must be a
self synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8b/10b encoder. The
8b/10b encoder works by taking eight bits of data (an octet) and
encoding them into a 10-bit symbol. Figure 69 shows how the
16-bit data is output from the ADC, the two octets are scrambled,
and how the octets are encoded into two 10-bit symbols. Figure 69
illustrates the default data format.
At the data link layer, in addition to the 8b/10b encoding,
character replacement allows the receiver to monitor frame
alignment. The character replacement process occurs on the frame
and multiframe boundaries, and implementation depends on
which boundary is occurring and if scrambling is enabled.
If scrambling is disabled, the following applies. If the last scrambled
octet of the last frame of the multiframe equals the last octet of
the previous frame, the transmitter replaces the last octet with
the control character /A/ = /K28.3/. On other frames within the
multiframe, if the last octet in the frame equals the last octet of
the previous frame, the transmitter replaces the last octet with
the control character /F/= /K28.7/.
If scrambling is enabled, the following applies. If the last octet of
the last frame of the multiframe equals 0x7C, the transmitter
replaces the last octet with the control character /A/ = /K28.3/.
On other frames within the multiframe, if the last octet equals
0xFC, the transmitter replaces the last octet with the control
character /F/ = /K28.7/.
Refer to JEDEC Standard No. JESD204B (July 2011) for additional
information about the JESD204B interface. Section 5.1 covers
the transport layer and data format details, and Section 5.2 covers
scrambling and descrambling.
Initial JESD204B Link Startup
The power-on default JESD204B state of the AD9656 is M4L1.
Once the ADC is configured and the appropriate clocks are
provided, any JESD204B parameters different from the default
configuration must be set prior to enabling the link. Figure 65
depicts the start-up and synchronization timing of the AD9656
JESD204B Tx in subclass 1 mode. It is recommended that the
SYNCINB signal (defined as SYNC~, according to the JESD204B
standard) is asserted at power-up and must not be deasserted
until after SYSREF has been applied according to the timing
illustrated in the figure. Once the PLL has settled the serial outputs
on each lane, begin to toggle between 1’s and 0’s. Shortly thereafter
(13 frame clock cycles), K28.5 characters are sent across the link
on each lane and the local multiframe clock (LMFC) is generated.
At this time SYSREF can be applied.
SYSREF
SYNCINB
POWER ON
PLL LOCKED
13 FRAMES
DATA OUT
LMFCADC
SYNCINB DEASSERT
K28.5
ILAS
K28.5
0101..
24µs + 7680
SAMPLE CLOCKS
120µs TOTAL AT 80MHz
< 2 LMFCs FOR
STABLE LMFC
AFTER SYSREF
ILAS STARTS ON
SECOND LMFC
AFTER SYNCINB
DEASSERT
DEASSERT SYNCINB
ON SECOND LMFC
AFTER SYSREF
Figure 65. JESD204B Tx Start-Up and Synchronization Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com