Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9656 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9656 Datasheet HTML 18Page - Analog Devices AD9656 Datasheet HTML 19Page - Analog Devices AD9656 Datasheet HTML 20Page - Analog Devices AD9656 Datasheet HTML 21Page - Analog Devices AD9656 Datasheet HTML 22Page - Analog Devices AD9656 Datasheet HTML 23Page - Analog Devices AD9656 Datasheet HTML 24Page - Analog Devices AD9656 Datasheet HTML 25Page - Analog Devices AD9656 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Data Sheet
AD9656
Rev. A | Page 21 of 46
THEORY OF OPERATION
The AD9656 is a multistage, pipelined ADC. Each stage
provides sufficient overlap to correct for flash errors in the
preceding stage. The quantized outputs from each stage are
combined into a final 16-bit result in the digital correction
logic. The serializer transmits this converted data in a 16-bit
output. The pipelined architecture permits the first stage to
operate with a new input sample while the remaining stages
operate with the preceding samples. Sampling occurs on the
rising edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched-capacitor DAC
and an interstage residue amplifier (for example, a multiplying
digital-to-analog converter [MDAC]). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage simply consists of a flash ADC.
The output staging block aligns the data, corrects errors, and
passes the data to the output buffers. The data is then serialized
and aligned to the frame and data clocks.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9656 is a differential switched-
capacitor circuit designed for processing differential input
signals. This circuit can support a wide common-mode range
while maintaining excellent performance. By using an input
common-mode voltage of midsupply, users can minimize
signal-dependent errors and achieve optimum performance.
SS
H
CPAR
CSAMPLE
CSAMPLE
CPAR
VINx–
H
SS
H
VINx+
H
Figure 46. Switched-Capacitor Input Circuit
The clock signal alternately switches the input circuit between
sample mode and hold mode (see Figure 46). When the input
circuit is switched to sample mode, the signal source must be
capable of charging the sample capacitors and settling within
one-half of a clock cycle. A small resistor in series with each input
can help reduce the peak transient current injected from the
output stage of the driving source. In addition, low Q inductors or
ferrite beads can be placed on each leg of the input to reduce high
differential capacitance at the analog inputs and therefore achieve
the maximum bandwidth of the ADC. Such use of low Q inductors
or ferrite beads is required when driving the converter front end at
high IF frequencies.
Either a differential capacitor or two single-ended capacitors can
be placed on the inputs to provide a matching passive network.
This ultimately creates a low-pass filter at the input to limit
unwanted broadband noise. See the AN-742 Application Note, the
AN-827 Application Note, and the Analog Dialogue article
“Transformer-Coupled Front-End for Wideband A/D Converters”
for more information. In general, the precise values depend on
the application.
Input Common-Mode Voltage
The analog inputs of the AD9656 are not internally dc-biased.
Therefore, in ac-coupled applications, the user must provide
this bias externally. Setting the device so that VCM = AVDD/2 is
recommended for optimum performance, but the device can
function over a wider VCM range with reasonable performance,
as shown in Figure 47 and Figure 48.
20
30
40
50
60
70
80
90
100
110
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VCM (V)
SNR (dBFS)
SFDR (dBc)
Figure 47. SNR/SFDR vs. Common-Mode Voltage (VCM),
fIN = 9.7 MHz, fSAMPLE = 125 MSPS, VREF = 1.0 V
20
30
40
50
60
70
80
90
100
110
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
VCM (V)
SFDR (dBc)
SNR (dBFS)
Figure 48. SNR/SFDR vs. Common-Mode Voltage (VCM),
fIN = 9.7 MHz, fSAMPLE = 125 MSPS, VREF = 1.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com