Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9656 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9656
Description  Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9656 Datasheet(HTML) 1 Page - Analog Devices

  AD9656 Datasheet HTML 1Page - Analog Devices AD9656 Datasheet HTML 2Page - Analog Devices AD9656 Datasheet HTML 3Page - Analog Devices AD9656 Datasheet HTML 4Page - Analog Devices AD9656 Datasheet HTML 5Page - Analog Devices AD9656 Datasheet HTML 6Page - Analog Devices AD9656 Datasheet HTML 7Page - Analog Devices AD9656 Datasheet HTML 8Page - Analog Devices AD9656 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Quad, 16-Bit, 125 MSPS, JESD204B
1.8 V Analog-to-Digital Converter
Data Sheet
AD9656
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SNR = 79.9 dBFS at 16 MHz (VREF = 1.4 V)
SNR = 78.1 dBFS at 64 MHz (VREF = 1.4 V)
SFDR = 86 dBc to Nyquist (VREF = 1.4 V)
JESD204B Subclass 1 coded serial digital outputs
Flexible analog input range: 2.0 V p-p to 2.8 V p-p
1.8 V supply operation
Low power: 197 mW per channel at 125 MSPS (two lanes)
DNL = ±0.6 LSB (VREF = 1.4 V)
INL = ±4.5 LSB (VREF = 1.4 V)
650 MHz analog input bandwidth, full power
Serial port control
Full chip and individual channel power-down modes
Built-in and custom digital test pattern generation
Multichip sync and clock divider
Standby mode
APPLICATIONS
Medical ultrasound and MRI
High speed imaging
Quadrature radio receivers
Diversity radio receivers
Portable test equipment
GENERAL DESCRIPTION
The AD9656 is a quad, 16-bit, 125 MSPS analog-to-digital
converter (ADC) with an on-chip sample and hold circuit
designed for low cost, low power, small size, and ease of use.
The device operates at a conversion rate of up to 125 MSPS and
is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. An external reference or driver components are not
required for many applications.
Individual channel power-down is supported and typically
consumes less than 14 mW when all channels are disabled. The
ADC contains several features designed to maximize flexibility
and minimize system cost, such as a programmable output clock,
data alignment, and digital test pattern generation. The available
digital test patterns include built-in deterministic and pseudo-
random patterns, along with custom user-defined test patterns
entered via the serial port interface (SPI).
FUNCTIONAL BLOCK DIAGRAM
AD9656
AVDD
PDWN
DVDD
DRVDD
REF
SELECT
VINA–
VINA+
VINB–
VINB+
VIND–
VIND+
VINC–
VINC+
SENSE
AGND
VCM
VREF
SERDOUT0–
SERDOUT0+
RBIAS
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
CONTROL
REGISTERS
JESD204B
INTERFACE
HIGH
SPEED
SERIALIZERS
CML TX
OUTPUTS
CLOCK
MANAGEMENT
SERIAL PORT
INTERFACE
SERDOUT1–
SERDOUT1+
SERDOUT2–
SERDOUT2+
SERDOUT3–
SERDOUT3+
SYNCINB+
SYNCINB–
PIPELINE
ADC
16
16
16
16
1V
TO
1.4V
Figure 1.
The AD9656 is available in an RoHS compliant, nonmagnetic,
56-lead LFCSP. It is specified over the −40°C to +85°C
industrial temperature range.
PRODUCT HIGHLIGHTS
1. It has a small footprint. Four ADCs are contained in a small,
8 mm × 8 mm package.
2. An on-chip phase-locked loop (PLL) allows users to provide
a single ADC sampling clock; the PLL multiplies the ADC
sampling clock to produce the corresponding JESD204B
data rate clock.
3. The configurable JESD204B output block supports up to
8.0 Gbps per lane.
4. JESD204B output block supports one, two, and four lane
configurations.
5. Low power of 198 mW per channel at 125 MSPS, two lanes.
6. The SPI control offers a wide range of flexible features to
meet specific system requirements.


Similar Part No. - AD9656

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9656 AD-AD9656 Datasheet
1,007Kb / 44P
Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
REV. 0
AD9656BCPZ-125 AD-AD9656BCPZ-125 Datasheet
1,007Kb / 44P
Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9656

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9265 AD-AD9265 Datasheet
2Mb / 44P
16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9656BCPZ-125 AD-AD9656BCPZ-125 Datasheet
1,007Kb / 44P
Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9655 AD-AD9655 Datasheet
1Mb / 37P
Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
REV. 0
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
Rev. C
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com