Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 77 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 77 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 70Page - Intel Corporation 80960JF Datasheet HTML 71Page - Intel Corporation 80960JF Datasheet HTML 72Page - Intel Corporation 80960JF Datasheet HTML 73Page - Intel Corporation 80960JF Datasheet HTML 74Page - Intel Corporation 80960JF Datasheet HTML 75Page - Intel Corporation 80960JF Datasheet HTML 76Page - Intel Corporation 80960JF Datasheet HTML 77Page - Intel Corporation 80960JF Datasheet HTML 78Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
Advance Information Datasheet
77
80960JA/JF/JD/JT 3.3 V Microprocessor
7.0
Revision History
This data sheet supersedes revisions 273109-001, 272971-002, and 276146-001. Table 37 indicates
significant changes since the previous revisions.
Table 35.
Fields of 80960JA/JF Device ID
Field
Value
Definition
Version
See Table 36
Indicates major stepping changes.
VCC
0 = 3.3 V device
1 = 5V device
Indicates that a device is 3.3 V.
Product Type
00 0100
(Indicates i960 CPU)
Designates type of product.
Generation Type
0001 = J-series
Indicates the generation (or series) to which the
product belongs.
Model
0000C
C = Cache Size
0 = 4K I-cache, 2K D-cache
1 = 2K I-cache, 1K D-cache
Indicates member within a series and specific
model information.
Manufacturer ID
000 0000 1001
(Indicates Intel)
Manufacturer ID assigned by IEEE.
Table 36.
80960JA/JF Device ID Model Types
Device
Version
VCC
Product
Gen.
Model
Manufacturer ID
‘1’
80960JA C0
0011
0
000100
0001
00001
00000001001
1
80960JF C0
0011
0
000100
0001
00000
00000001001
1
Table 37.
Data Sheet Revision History
Figure 1 “80960Jx Microprocessor Package
Options” on page 7
Added MPBGA package diagram
Section 3.1.4, “80960Jx 196-Ball MPBGA
Pinout” on page 29
Added new Figures 6 and 7, Tables 10, 11 and 13
Figure 12 “TLX vs. AD Bus Load Capacitance” on
page 48
Added with following note
Throughout document
Merged 80960JA/JF/JD/JT 3.3 volt Processor data sheets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com