Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 42 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 42 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 38Page - Intel Corporation 80960JF Datasheet HTML 39Page - Intel Corporation 80960JF Datasheet HTML 40Page - Intel Corporation 80960JF Datasheet HTML 41Page - Intel Corporation 80960JF Datasheet HTML 42Page - Intel Corporation 80960JF Datasheet HTML 43Page - Intel Corporation 80960JF Datasheet HTML 44Page - Intel Corporation 80960JF Datasheet HTML 45Page - Intel Corporation 80960JF Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
42
Advance Information Datasheet
4.6
DC Specifications
Table 21.
80960Jx DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Notes
VIL
Input Low Voltage
-0.3
0.8
V
VIH
Input High Voltage
2.0
VCC5 + 0.3
V
VOL
Output Low Voltage
0.4
0.2
V
V
IOL = 3 mA
IOL = 100 µA
VOH
Output High Voltage
2.4
VCC - 0.2
V
IOH = -1 mA
IOH = -200 µA
VOLP
Output Ground Bounce
<0.8
V
(1,2)
CIN
Input Capacitance
PGA
PQFP
MPBGA
15
15
15
pF
fCLKIN = fMIN (2)
COUT
I/O or Output Capacitance
PGA
PQFP
MPBGA
15
15
15
pF
fCLKIN = fMIN (2)
CCLK
CLKIN Capacitance
PGA
PQFP
MPBGA
15
15
15
pF
fCLKIN = fMIN (2)
NOTES:
1. Typical is measured with VCC = 3.3 V and temperature = 25 °C.
2. Not tested.
Table 22.
80960Jx ICC Characteristics (Sheet 1 of 2)
Symbol
Parameter
Typ
Max
Units
Notes
ILI1
Input Leakage Current for each pin
except TCK, TDI, TRST and TMS
± 1
µA
0
≤ V
IN ≤ VCC
ILI2
Input Leakage Current for TCK, TDI,
TRST and TMS
-140
-250
µA
VIN = 0.45V (1)
ILO
Output Leakage Current
± 1
µA
0.4
≤ V
OUT ≤ VCC
Rpu
Internal Pull-UP Resistance for
ONCE, TMS, TDI and TRST
20
30
k
Ω
ICC Active
(Power Supply)
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
600
450
580
447
367
310
320
260
194
mA
(2,3)
(2,3)
(2,3)
(2,3)
(2,3)
(2,3)
(2,3)
(2,3)
(2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com