Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 76 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 76 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 70Page - Intel Corporation 80960JF Datasheet HTML 71Page - Intel Corporation 80960JF Datasheet HTML 72Page - Intel Corporation 80960JF Datasheet HTML 73Page - Intel Corporation 80960JF Datasheet HTML 74Page - Intel Corporation 80960JF Datasheet HTML 75Page - Intel Corporation 80960JF Datasheet HTML 76Page - Intel Corporation 80960JF Datasheet HTML 77Page - Intel Corporation 80960JF Datasheet HTML 78Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
76
Advance Information Datasheet
Table 33.
Fields of 80960JD Device ID
Field
Value
Definition
Version
See Table 30
Indicates major stepping changes.
VCC
0 = 3.3 V device
1 = 5V device
Indicates that a device is 3.3 V.
Product Type
00 0100
(Indicates i960 CPU)
Designates type of product.
Generation Type
0001 = J-series
Indicates the generation (or series) the product belongs to.
Model
D000C
D = Clock Doubled
(0) Not Clock-Doubled
(1) Clock Doubled
C = Cache Size
(0) 4K I-cache, 2K
D-cache
(1) 2K I-cache, 1K
D-cache
Indicates member within a series and specific model information.
Manufacturer ID
000 0000 1001
(Indicates Intel)
Manufacturer ID assigned by IEEE.
Table 34.
80960JD Device ID Model Types
Device
Version
VCC
Product
Gen.
Model
Manufacturer ID
‘1’
80960JD C0
0011
0
000100
0001
10000
00000001001
1
Figure 48.
80960JA/JF Device Identification Register
28
24
20
40
16
12
8
1
1
0
0
1
0
0
0
0
0
0
0
Manufacturer ID
Part Number
Version
Model
Gen
Product
Type
VCC
1
0
0
0
0
0
1
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com