Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 58 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 58 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 54Page - Intel Corporation 80960JF Datasheet HTML 55Page - Intel Corporation 80960JF Datasheet HTML 56Page - Intel Corporation 80960JF Datasheet HTML 57Page - Intel Corporation 80960JF Datasheet HTML 58Page - Intel Corporation 80960JF Datasheet HTML 59Page - Intel Corporation 80960JF Datasheet HTML 60Page - Intel Corporation 80960JF Datasheet HTML 61Page - Intel Corporation 80960JF Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
58
Advance Information Datasheet
5.0
Bus Functional Waveforms
Figure 33 through Figure 38 illustrate typical 80960Jx bus transactions. Figure 39 depicts the bus
arbitration sequence. Figure 40 illustrates the processor reset sequence from the time power is
applied to the device. Figure 41 illustrates the processor reset sequence when the processor is in
operation. Figure 42 illustrates the processor ONCE sequence from the time power is applied to the
device. Figure 44 and Figure 45 also show accesses on 32-bit buses. Table 27 through Table 29
summarize all possible combinations of bus accesses across 8-, 16-, and 32-bit buses according to
data alignment.
Figure 33.
Non-Burst Read and Write Transactions Without Wait States, 32-Bit Bus
CLKIN
AD31:0
ALE
ADS
A3:2
BE3:0
WIDTH1:0
D/C
W/R
DT/R
DEN
RDYRCV
BLAST
ADDR
D
In
Invalid
ADDR
DATA Out
10
10
Ta
Td
Tr
Ti
Ti
Ta
Td
Tr
Ti
Ti
F_JF030A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com