Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 20 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 20 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 16Page - Intel Corporation 80960JF Datasheet HTML 17Page - Intel Corporation 80960JF Datasheet HTML 18Page - Intel Corporation 80960JF Datasheet HTML 19Page - Intel Corporation 80960JF Datasheet HTML 20Page - Intel Corporation 80960JF Datasheet HTML 21Page - Intel Corporation 80960JF Datasheet HTML 22Page - Intel Corporation 80960JF Datasheet HTML 23Page - Intel Corporation 80960JF Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
20
Advance Information Datasheet
Table 4.
Pin Description — Processor Control Signals, Test Signals and Power
NAME
TYPE
DESCRIPTION
CLKIN
I
CLOCK INPUT provides the processor’s fundamental time base; both the processor
core and the external bus run at the CLKIN rate. All input and output timings are
specified relative to a rising CLKIN edge.
RESET
I
A(L)
RESET initializes the processor and clears its internal logic. During reset, the
processor places the address/data bus and control output pins in their idle (inactive)
states.
During reset, the input pins are ignored with the exception of LOCK/ONCE, STEST
and HOLD.
The RESET pin has an internal synchronizer. To ensure predictable processor
initialization during power up, RESET must be asserted a minimum of 10,000 CLKIN
cycles with VCC and CLKIN stable. On a warm reset, RESET should be asserted for
a minimum of 15 cycles.
STEST
I
S(L)
SELF TEST enables or disables the processor’s internal self-test feature at
initialization. STEST is examined at the end of reset. When STEST is asserted, the
processor performs its internal self-test and the external bus confidence test. When
STEST is deasserted, the processor performs only the external bus confidence test.
0 = self test disabled
1 = self test enabled
FAIL
O
R(0)
H(Q)
P(1)
FAIL indicates a failure of the processor’s built-in self-test performed during
initialization. FAIL is asserted immediately upon reset and toggles during self-test to
indicate the status of individual tests:
•
When self-test passes, the processor deasserts FAIL and begins operation from
user code.
•
When self-test fails, the processor asserts FAIL and then stops executing.
0 = self test failed
1 = self test passed
TCK
I
TEST CLOCK is a CPU input which provides the clocking function for IEEE 1149.1
Boundary Scan Testing (JTAG). State information and data are clocked into the
processor on the rising edge; data is clocked out of the processor on the falling edge.
TDI
I
S(L)
TEST DATA INPUT is the serial input pin for JTAG. TDI is sampled on the rising
edge of TCK, during the SHIFT-IR and SHIFT-DR states of the Test Access Port.
TDO
O
R(Q)
HQ)
P(Q)
TEST DATA OUTPUT is the serial output pin for JTAG. TDO is driven on the falling
edge of TCK during the SHIFT-IR and SHIFT-DR states of the Test Access Port. At
other times, TDO floats. TDO does not float during ONCE mode.
TRST
I
A(L)
TEST RESET asynchronously resets the Test Access Port (TAP) controller function
of IEEE 1149.1 Boundary Scan testing (JTAG). When using the Boundary Scan
feature, connect a pulldown resistor between this pin and VSS. If TAP is not used,
this pin must be connected to VSS; however, no resistor is required. See Section 4.3,
“Connection Recommendations” on page 40.
TMS
I
S(L)
TEST MODE SELECT is sampled at the rising edge of TCK to select the operation of
the test logic for IEEE 1149.1 Boundary Scan testing.
VCC
–
POWER pins intended for external connection to a VCC board plane.
VCCPLL
–
PLL POWER is a separate VCC supply pin for the phase lock loop clock generator. It
is intended for external connection to the VCC board plane. In noisy environments,
add a simple bypass filter circuit to reduce noise-induced clock jitter and its effects
on timing relationships.
VCC5
–
5 V REFERENCE VOLTAGE input is the reference voltage for the 5 V-tolerant I/O
buffers. This signal should be connected to +5 V for use with inputs which exceed
3.3 V. If all inputs are from 3.3 V components, this pin should be connected to 3.3 V.
VSS
–
GROUND pins intended for external connection to a VSS board plane.
NC
–
NO CONNECT pins. Do not make any system connections to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com