Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 24 Page - Intel Corporation

Part # 80960JF
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 24 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 20Page - Intel Corporation 80960JF Datasheet HTML 21Page - Intel Corporation 80960JF Datasheet HTML 22Page - Intel Corporation 80960JF Datasheet HTML 23Page - Intel Corporation 80960JF Datasheet HTML 24Page - Intel Corporation 80960JF Datasheet HTML 25Page - Intel Corporation 80960JF Datasheet HTML 26Page - Intel Corporation 80960JF Datasheet HTML 27Page - Intel Corporation 80960JF Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
24
Advance Information Datasheet
Table 6.
132-Lead PGA Pinout — In Signal Order
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
A2
C5
AD31
K3
TDO
B4
VSS
B9
A3
C4
ADS
A1
TMS
A14
VSS
D2
AD0
M14
ALE
G3
TRST
C12
VSS
D13
AD1
L13
ALE
A3
VCC
A6
VSS
E2
AD2
K12
BE0
H3
VCC
A7
VSS
E13
AD3
N14
BE1
J3
VCC
A8
VSS
F2
AD4
M13
BE2
L1
VCC
A9
VSS
F13
AD5
L12
BE3
L2
VCC
D1
VSS
G2
AD6
P14
BLAST
C3
VCC
D14
VSS
G13
AD7
N13
BSTAT
F3
VCC
E1
VSS
H2
AD8
M12
CLKIN
H14
VCC
E14
VSS
H13
AD9
M11
D/C
B2
VCC
F1
VSS
J2
AD10
N12
DEN
E3
VCC
F14
VSS
J13
AD11
P13
DT/R
D3
VCC
G1
VSS
K2
AD12
M10
FAIL
C6
VCC
G14
VSS
K13
AD13
P12
HOLD
C9
VCC
H1
VSS
N5
AD14
M9
HOLDA
C2
VCC
J1
VSS
N6
AD15
M8
LOCK/ONCE
C1
VCC
J14
VSS
N7
AD16
M7
NC
A4
VCC
K1
VSS
N8
AD17
M6
NC
A5
VCC
K14
VSS
N9
AD18
P4
NC
B5
VCC
L14
VSS
N10
AD19
P3
NC
B14
VCC
P5
VSS
N11
AD20
N4
NC
C8
VCC
P6
W/R
B1
AD21
M5
NC
C14
VCC
P7
WIDTH/HLTD0
B3
AD22
P2
NC
G12
VCC
P8
WIDTH/HLTD1
A2
AD23
M4
NC
J12
VCC
P9
XINT0
C11
AD24
N3
NC
M3
VCC
P10
XINT1
C10
AD25
P1
NMI
A10
VCC
P11
XINT2
A13
AD26
N2
RDYRCV
F12
VCCPLL
H12
XINT3
B12
AD27
N1
RESET
E12
VCC5
C7
XINT4
B11
AD28
L3
STEST
C13
VSS
B6
XINT5
A12
AD29
M2
TCK
B13
VSS
B7
XINT6
B10
AD30
M1
TDI
D12
VSS
B8
XINT7
A11
NOTE: Do not connect any external logic to pins marked NC (no connect pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com