Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358 Datasheet(PDF) 5 Page - Anachip Corp

Part # AP358
Description  Low Power Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP358 Datasheet(HTML) 5 Page - Anachip Corp

  AP358 Datasheet HTML 1Page - Anachip Corp AP358 Datasheet HTML 2Page - Anachip Corp AP358 Datasheet HTML 3Page - Anachip Corp AP358 Datasheet HTML 4Page - Anachip Corp AP358 Datasheet HTML 5Page - Anachip Corp AP358 Datasheet HTML 6Page - Anachip Corp AP358 Datasheet HTML 7Page - Anachip Corp AP358 Datasheet HTML 8Page - Anachip Corp AP358 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP358
Low Power Dual Operational Amplifiers
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Oct 8, 2004
5/13
Typical Single-Supply Circuit (V+ = 5.0 V
DC)
Non-Inverting DC Gain (0V Output)
+
-
+V
O
R2
1M
R1
10K
1/2 AP358
+V
IN
*
*R not needed due to temperature independent I
IN
V
IN (mV)
GAIN=1+
=101(as shown)
R2
R1
+5V
DC Summing Amplifier
(V
IN'S > 0 VDC and VO > 0 VDC)
+
-
R
100K
R
100K
R
100K
R
100K
+V
1
+V
2
+V
3
+V
4
R
100K
R
100K
1/2 AP358
V
O
Where: V
O=V1+V2-V3-V4
(V
1+V2) > (V3+V4) to keep VO > 0 VDC
+
-
V
O
V+
R1
910K
R2
100K
R3
91K
R
L
+V
IN
1/2 AP358
Power Amplifier
V
O=0 VDC for VIN = 0 VDC
A
V =10
+
-
+
-
+
-
V+
C2
330pF
"BI-QUAD" RC Active Bandpass Filter
R1
100K
1/2 AP358
1/2 AP358
1/2 AP358
R2
100K
R3
100K
R4
10M
R5
470K
R6
100K
R8
100K
R7
470K
C1
330pF
C3
10µF
+
V
O
V
IN
f
O= 1KHz
Q = 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com