Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP358
Description  Low Power Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP358 Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP358 Datasheet HTML 2Page - Anachip Corp AP358 Datasheet HTML 3Page - Anachip Corp AP358 Datasheet HTML 4Page - Anachip Corp AP358 Datasheet HTML 5Page - Anachip Corp AP358 Datasheet HTML 6Page - Anachip Corp AP358 Datasheet HTML 7Page - Anachip Corp AP358 Datasheet HTML 8Page - Anachip Corp AP358 Datasheet HTML 9Page - Anachip Corp AP358 Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP358
Low Power Dual Operational Amplifiers
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Oct 8, 2004
6/13
Typical Single-Supply Circuit (V+ = 5.0 V
DC)
+
-
1mA
V+
2V
R1
2K
I
1
1/2 AP358
Fixed Current Sources
+
-
2V
+
-
R4
2K
R3
2K
R2
3K
I
2
I
1 = I2
-
+
R2
100
R1*
0.1
R3
1K
V
O
R
L
I
L
V
L
1/2 AP358
Current Monitor
V
O =
1V(I
L)
0.1A
*(Increase R1 for I
L small)
V
L < V+ -2V
LED Driver
82
+
-
1/2 AP358
20mA
Lamp Driver
V+
100
β > 20
+
-
1/2 AP358
30mA
600mA
Driving TTL
+
-
R
L
240
1/2 AP358
Voltage Follower
+
-
1/2 AP358
V
O
+V
IN
V
O = VIN
Pulse Generator
+
-
V
O
100K
V+
1M
R2
R1
IN914
IN914
0.001µF
1/2 AP358
R3
100K
R4
100K
R5
100K
+
0
Squarewave Oscillator
V
O
100K
V+
R1
C
0.001µF
R2
100K
R3
100K
R4
100K
+
0
+
-
1/2 AP358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com