Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358 Datasheet(PDF) 11 Page - Anachip Corp

Part # AP358
Description  Low Power Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP358 Datasheet(HTML) 11 Page - Anachip Corp

Back Button AP358 Datasheet HTML 5Page - Anachip Corp AP358 Datasheet HTML 6Page - Anachip Corp AP358 Datasheet HTML 7Page - Anachip Corp AP358 Datasheet HTML 8Page - Anachip Corp AP358 Datasheet HTML 9Page - Anachip Corp AP358 Datasheet HTML 10Page - Anachip Corp AP358 Datasheet HTML 11Page - Anachip Corp AP358 Datasheet HTML 12Page - Anachip Corp AP358 Datasheet HTML 13Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP358
Low Power Dual Operational Amplifiers
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Oct 8, 2004
11/13
Application Information
The AP358 series are op amps which operate with
only
a
single
power
supply
voltage,
have
true-differential inputs, and remain in the linear
mode with an input common-mode voltage of 0 VDC.
These amplifiers operate over a wide range of
power supply voltage with little change in
performance characteristics. At 25°C amplifier
operation is possible down to a minimum supply
voltage of 2.3 VDC.
Precautions should be taken to insure that the
power supply for the integrated circuit never
becomes reversed in polarity or that the unit is not
inadvertently installed backwards in a test socket as
an unlimited current surge through the resulting
forward diode within the IC could cause fusing of
the internal conductors and result in a destroyed
unit.
Large differential input voltages can be easily
accommodated and, as input differential voltage
protection diodes are not needed, no large input
currents result from large differential input voltages.
The differential input voltage may be larger than V
+
without damaging the device. Protection should be
provided to prevent the input voltages from going
negative more than -0.3 VDC (at 25°C). An input
clamp diode with a resistor to the IC input terminal
can be used.
To reduce the power supply current drain, the
amplifiers have a class A output stage for small
signal levels which converts to class B in a large
signal mode. This allows the amplifiers to both
source and sink large output currents. Therefore
both NPN and PNP external current boost
transistors can be used to extend the power
capability of the basic amplifiers. The output voltage
needs to raise approximately 1 diode drop above
ground to bias the on-chip vertical PNP transistor
for output current sinking applications.
For ac applications, where the load is capacitively
coupled to the output of the amplifier, a resistor
should be used, from the output of the amplifier to
ground to increase the class A bias current and
prevent crossover distortion. Where the load is
directly coupled, as in dc applications, there is no
crossover distortion.
Capacitive loads which are applied directly to the
output of the amplifier reduce the loop stability
margin. Values of 50pF can be accomodated using
the worst-case non-inverting unity gain connection.
Large closed loop gains or resistive isolation should
be used if larger load capacitance must be driven
by the amplifier.
The bias network of the AP358 establishes a drain
current which is independent of the magnitude of
the power supply voltage over the range of 3 VDC to
30 VDC.
Output short circuits either to ground or to the
positive power supply should be of short time
duration. Units can be destroyed, not as a result of
the short circuit current causing metal fusing, but
rather due to the large increase in IC chip
dissipation which will cause eventual failure due to
excessive function temperatures. Putting direct
short-circuits on more than one amplifier at a time
will increase the total IC power dissipation to
destructive levels, if not properly protected with
external dissipation limiting resistors in series with
the output leads of the amplifiers. The larger value
of output source current which is available at 25°C
provides a larger output current capability at
elevated temperatures (see typical performance
characteristics) than a standard IC op amp.
The circuits presented in the section on typical
applications emphasize operation on only a single
power supply voltage. If complementary power
supplies are available, all of the standard op amp
circuits can be used. In general, introducing a
pseudo-ground (a bias voltage reference of V
+/2)
will allow operation above and below this value in
single power supply systems. Many application
circuits are shown which take advantage of the
wide input common-mode voltage range which
includes ground. In most cases, input biasing is not
required and input voltages which range to ground
can easily be accommodated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com