Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP358
Description  Low Power Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP358 Datasheet(HTML) 4 Page - Anachip Corp

  AP358 Datasheet HTML 1Page - Anachip Corp AP358 Datasheet HTML 2Page - Anachip Corp AP358 Datasheet HTML 3Page - Anachip Corp AP358 Datasheet HTML 4Page - Anachip Corp AP358 Datasheet HTML 5Page - Anachip Corp AP358 Datasheet HTML 6Page - Anachip Corp AP358 Datasheet HTML 7Page - Anachip Corp AP358 Datasheet HTML 8Page - Anachip Corp AP358 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP358
Low Power Dual Operational Amplifiers
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Oct 8, 2004
4/13
Electrical Characteristics (V+=+5.0V, unless otherwise stated) (Note 4)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
-=1V, V
IN
+=0V,
V
+=15V, VO=2V,
TA=25°C
10
20
-
mA
ISINK
Sink
VIN
-=1V, VIN+=0V,
V
+=15V, V
O=200mV,
TA=25°C
20
70
-
µA
ISOURCE
Output Current
Source
VIN
+=1V, V
IN
-=0V,
V
+=15V, VO=2V,
TA=25°C
20
40
-
mA
ISC
Short Circuit to Ground
TA=25°C, (Note 2)
V
+=15V
-
40
60
mA
RL=2kΩ, TA=25
oC
26
-
-
V
VOH
(V
+=30V)
RL=10kΩ, TA=25
oC
27
28
-
V
VOL
Output Voltage Swing
(V
+=5V)
RL=10kΩ, TA=25
oC
-
5
20
mV
Note 1: For operating at high temperatures, the AP358 must be derated based on a +125°C maximum junction temperature and a
thermal resistance of 120°C/W for DIP and 189°C/W for Small Outline package, which applies for the device soldered in a
printed circuit board, operating in a still air ambient. The dissipation is the total of both amplifiers—use external resistors,
where possible, to allow the amplifier to saturate or to reduce the power which is dissipated in the integrated circuit.
Note 2: Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short cirucits to
ground, the maximum output current is approximately 40mA independent of the magnitude of V
+. At values of supply voltage
in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction.
Destructive dissipation can result from simultaneous shorts on all amplifiers.
Note 3: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the op amps to go to the V
+ voltage level (or to ground for a large overdrive) for the time duration that an input is
driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative,
again returns to a value greater than -0.3V (at 25°C).
Note 4: The AP358 temperature specifications are limited to 0°C < TA < +70°C.
Note 5: VO ≅ 1.4V, RS = 0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ -1.5V) at 25°C.
Note 6: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent
of the state of the output so no loading change exists on the input lines.
Note 7: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at
25°C). The upper end of the common-mode voltage range is V
+ -1.5V (at 25°C), but either or both inputs can go to +32V
without damage, independent of the magnitude of V
+.
Note 8: Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external
parts. This typically can be detected as this type of capacitance increases at higher frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com