Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358 Datasheet(PDF) 10 Page - Anachip Corp

Part # AP358
Description  Low Power Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP358 Datasheet(HTML) 10 Page - Anachip Corp

Back Button AP358 Datasheet HTML 5Page - Anachip Corp AP358 Datasheet HTML 6Page - Anachip Corp AP358 Datasheet HTML 7Page - Anachip Corp AP358 Datasheet HTML 8Page - Anachip Corp AP358 Datasheet HTML 9Page - Anachip Corp AP358 Datasheet HTML 10Page - Anachip Corp AP358 Datasheet HTML 11Page - Anachip Corp AP358 Datasheet HTML 12Page - Anachip Corp AP358 Datasheet HTML 13Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP358
Low Power Dual Operational Amplifiers
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Oct 8, 2004
10/13
Typical Characteristics (at T
A=25
oC)
Supply Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
5V
10V
15V
20V
25V
30V
35V
Supply Voltage (V)
mA
V+
I
D
Large Signal Frequency Response
0
2
4
6
8
10
12
14
1k
10k
25K
50K
75K 100K 500K
1M
Input Frequency (Hz)
1K
V
O
100K
+7V
DC
+15
V
DC
2K
Open Loop Frequency Response
0
20
40
60
80
100
120
Input Frequency (Hz)
V
+=30V
V
+=15V
V+
0.1
V
O
10M
V+/2
V
IN
µF
Current Limit
0
10
20
30
40
50
60
-40
0
25
41
60
80
100
125
Temperature (
oC)
I
O
+
Voltage Follower Pulse Response
Voltage Follower Pulse Response (Small Signal)
T
A=25
oC
R
L > 2.0K
V+ = 15V
DC
e
O
50pF
e
in
T
A = +25
oC
V+ = +30V
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com