Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP358 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP358
Description  Low Power Dual Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP358 Datasheet(HTML) 3 Page - Anachip Corp

  AP358 Datasheet HTML 1Page - Anachip Corp AP358 Datasheet HTML 2Page - Anachip Corp AP358 Datasheet HTML 3Page - Anachip Corp AP358 Datasheet HTML 4Page - Anachip Corp AP358 Datasheet HTML 5Page - Anachip Corp AP358 Datasheet HTML 6Page - Anachip Corp AP358 Datasheet HTML 7Page - Anachip Corp AP358 Datasheet HTML 8Page - Anachip Corp AP358 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP358
Low Power Dual Operational Amplifiers
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Oct 8, 2004
3/13
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
32
V
Differential Input Voltage
32
V
VIN
Input Voltage
-0.3 to +32
V
Molded DIP
830
PD
Power Dissipation (Note1)
Small Outline Package (M)
530
mW
V
+ < 15V and T
A=25
oC
Continuous
Output Short-Circuit to GND
(One Amplifier) (Note 2)
Input Current (VIN < -0.3V)
(Note 3)
40
mA
TOP
Operating Temperature Range
0 to +70
oC
TST
Storage Temperature Range
-65 to +150
oC
Electrical Characteristics (T
A=25
oC, V+=+5.0V, unless otherwise stated) (Note 4)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage
(Note 5)
, TA=25
oC
-
2
7
mV
IB
Input Bias Current
IIN(+) or IIN(−), TA=25°C,
VCM=0V, (Note6)
-
45
250
nA
IIO
Input Offset Current
IIN(+) - IIN(−),VCM=0V,
TA=25°C
-
5
50
nA
VICM
Input Common-Mode Voltage Range
V
+=30V, (Note 7)
TA=25°C
0
-
V
+ -1.5
V
V
+=30V
-
1
2
IS
Supply Current
Over Full Temperature Range
RL=∞ on All
Op Amps
V
+=5V
-
0.5
1.2
mA
AV
Large Signal Voltage Gain
V
+=15V, TA=25°C,
RL > 2kΩ,
(For VO=1V to 11V)
25
100
-
V/mV
CMRR
Common-Mode Rejection Ratio
TA=25°C, VCM=0V to
V
+ -1.5V
65
85
-
dB
PSRR
Power Supply Rejection Ratio
V
+=5V to 30V, T
A=25°C
65
100
-
dB
Amplifier-to-Amplifier Coupling
f=1KHz to 20 KHz,
TA=25°C
(Input Referred),
(Note 8)
-
-120
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com