Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC Datasheet(PDF) 44 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 44 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 40Page - Hitachi Semiconductor HD74AC Datasheet HTML 41Page - Hitachi Semiconductor HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor HD74AC Datasheet HTML 48Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Design Considerations
43
The three waveforms shown in figure 16 depict how ground bounce is generated. The first waveform
shows the voltage (V) across the load as it is switched from a logic high to a logic low. The output slue
rate is dependent upon the characteristics of the output transistor, the inductors L1 and L3, and C
L, the load
capacitance. The second waveform shows the current that is generated as the capacitor discharges [I = C
L •
dv/dt]. The third waveform shows the voltage that is induced across the inductance in the ground lead due
to the changing currents [Vgb = –L • (di/dt)].
There are many factors which affect the amplitude of the ground bounce. Included are:
• Number of outputs switching simultaneously: more outputs results in more ground bounce.
• Type of output load: capacitive loads generate two to three times more ground bounce than typical
system traces. Increasing the capacitive load to approximately 60 to 70 pF increases ground bounce.
Beyond 70 pF, ground bounce drops off due to the filtering effect of the load. Moving the load away
from the output reduces the ground bounce.
• Location of the output pin: outputs closer to the ground pin exhibit less ground bounce than those
further away.
• Voltage: lowering V
CC reduces ground bounce.
• Test fixtures: standard test fixtures generate 30 to 50% more ground bounce than a typical system since
they use capacitive loads which both increase the AC load and form LCR tank circuits that oscillate.
Ground bounce produces several symptoms:
• Altered device states. FACT logic does not exhibit this symptom.
• Propagation delay degraduation. FACT devices are characterized not to degrade more than 250 ps per
additional output switching
• Undershoot on active outputs. The worst-case undershoot will be approximately equal to the worst-case
quiet output noise.
• Quiet output noise. FACT logic’s worst-case quiet output noise has been measured to be approximately
500 to 1100 mV in actual system applications.
Observing either one of the following rules is sufficient to avoid running into any of the problems
associated with ground bounce:
• First, use caution when driving asynchronous TTL-level inputs from CMOS octal outputs, or
• Second, use caution when running control lines (set, reset, load, clock, chip select) which are glitch-
sensitive through the same devices that drive data or address lines.
When it is not possible to avoid the above conditions, there are simple precautions available which can
minimize ground bounce noise. These are:
• Locate these outputs as close to the ground pin as possible.
• Use the lowest V
CC possible or separate the power supplies.
• Use board design practices which reduce any additive noise sources, such as crosstalk, reflections etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com