Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC Datasheet(PDF) 40 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 40 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 36Page - Hitachi Semiconductor HD74AC Datasheet HTML 37Page - Hitachi Semiconductor HD74AC Datasheet HTML 38Page - Hitachi Semiconductor HD74AC Datasheet HTML 39Page - Hitachi Semiconductor HD74AC Datasheet HTML 40Page - Hitachi Semiconductor HD74AC Datasheet HTML 41Page - Hitachi Semiconductor HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Design Considerations
39
4.1 Crosstalk
The problem of crosstalk and how to deal with it is becoming more important as system performance and
board densities increase. Crosstalk is the capacitive coupling of signals from one line to another. The
amplitude of the noise generated on the inactive line is directly related to the edge rates of the signal on the
active line, the proximity of the two lines and the distance that the two lines are adjacent.
Crosstalk has two basic causes. Forward crosstalk, figure 11, is caused by the wavefront propagating down
the printed circuit trace at two different velocities. This difference in velocities is due to the difference in
the dielectric constants of air (Er = 1.0) and epoxy glass (Er = 4.7). As the wave propagates down the trace,
this difference in velocities will cause one edge to reach the end before the other. this delay is the cause of
forward crosstalk; it increases with longer trace length, so consequently the magnitude of forward crosstalk
will increase with distance.
Reverse crosstalk, figure 12, is caused by the mutual inductance and capacitance between the lines which is
a transformer action. Reverse crosstalk increases linearly with distance up to a critical length. This critical
length is the distance that the signal can travel during its rise or fall time.
Although crosstalk cannot be totally eliminated, there are some design techniques that can reduce system
problems resulting from crosstalk. FACT’s industry-leading noise margins make systems immune to
crosstalk-related problems easier to design. FACT’s AC noise margins, shown in figures 13 and 14,
exemplify the outstanding immunity to everyday noise which can effect system reliability.
Time (ns) (5.0 ns/div)
Key
Active Driver
Forward Crosstalk
Active Receiver
This figure shows traces taken on a test fixture designed to
exaggerate the amplitude of crosstalk pulses.
Vertical Scale
1.0 V/Div
0.2 V/Div
1.0 V/Div
Horizontal Scale
50 ns/Div
5.0 ns/Div
5.0 ns/Div
0.0 V
Figure 11 Forward Crosstalk on PCB Traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com