Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC Datasheet(PDF) 46 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 46 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 42Page - Hitachi Semiconductor HD74AC Datasheet HTML 43Page - Hitachi Semiconductor HD74AC Datasheet HTML 44Page - Hitachi Semiconductor HD74AC Datasheet HTML 45Page - Hitachi Semiconductor HD74AC Datasheet HTML 46Page - Hitachi Semiconductor HD74AC Datasheet HTML 47Page - Hitachi Semiconductor HD74AC Datasheet HTML 48Page - Hitachi Semiconductor HD74AC Datasheet HTML 49Page - Hitachi Semiconductor HD74AC Datasheet HTML 50Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Design Considerations
45
0.1"
0.1"
0.1"
0.04"
0.04"
VCC
1/16" Glass Epoxy
a) 50
Ω VCC
Impedance
Ground Plane
Gnd
VCC
b) 100
Ω VCC
Impedance
1/16 Board
Gnd
VCC
c) 68
Ω VCC
Impedance
1/16 Board
Gnd
VCC
d) 100
Ω VCC
Impedance
1/16 Board
Gnd
VCC
e) 2
Ω VCC
Impedance
032
Epoxy Glass
Figure 17 Power Distribution Impedances
3.9 V
78 mA
4 ns
Ground
Plane
Worst-Case Octal Drain = 8
× 78 mA = 0.624 Amp.
Buffer Output Sees Net 50
Ω Load.
50
Ω Load Line on I
OH-VOH Characteristic
Shows Low-to-High Step of Approx. 3.9 V
0
0 V
IOH
VOUT
100
Ω
Buffer
Data Bus
1 of 8
100
Ω
Figure 18 Octal Buffer Driving a 100
Ω Bus
Q = CV
I = C
∆V/∆t
C = I
∆t/∆V
∆t = 4 × 10–9
I = 0.75 A
CB
VCC Bus
ZCC
Bypass Capacitors
Specify VCC Droop = 0.1 V max.
C =
Select CB ≥ 0.047 µF
= 25
× 10–9 = 0.025 µF
0.1
0.624
× 4 × 10–9
VCC
Place one decoupling capacitor adjacent to each package driving any transmission line and distribute others
evenly thoughout the logic. One capacitor per three packages.
Figure 19 Formula for Calculating Decoupling Capacitors
In this example, if the V
CC droop is to be kept below 0.1 V and the edge rate equals 4 ns, a 0.025 µF
capacitor is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com