Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor HD74AC Datasheet HTML 10Page - Hitachi Semiconductor HD74AC Datasheet HTML 11Page - Hitachi Semiconductor HD74AC Datasheet HTML 12Page - Hitachi Semiconductor HD74AC Datasheet HTML 13Page - Hitachi Semiconductor HD74AC Datasheet HTML 14Page - Hitachi Semiconductor HD74AC Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
FACT Descriptions and Family Characteristics
10
2. Circuit Characteristics
2.1 Power Dissipation
One advantage to using CMOS logic is its extremely low power consumption. During quiescent
conditions, FACT will consume several orders of magnitude less current than its bipolar counterparts. But
DC power consumption is not the whole picture. Any circuit will have AC power consumption, whether it
is built with CMOS or bipolar technologies.
Power consumption of a circuit can be calculated using the formula:
P
D = [(CL + CPD) • VCC • VS • f] + [IQ • VCC]
where:
P
D = power dissipation
C
L = load capacitance
C
PD = device power capacitance
V
CC = power supply
V
S = output voltage swing
f = frequency of operation
I
Q = quiescent current
Power consumption for FACT is dependent on the supply voltage, frequency of operation, internal
capacitance and load. V
S will be VCC and IQ can be considered negligible for CMOS. Therefore, the
simplified formula for CMOS is:
P
D = (CL + CPD)VCC
2 f
C
PD values for CMOS devices are calculated by measuring the power consumption of a device at two
different frequencies. C
PD is calculated in the following manner.
1. The power supply voltage is set to V
CC = 5.0 VDC.
2. Signal inputs are set up so that as many outputs as possible are switching, giving a worst-case
situation per JEDEC C
PD conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com