Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC Datasheet(PDF) 26 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 26 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 22Page - Hitachi Semiconductor HD74AC Datasheet HTML 23Page - Hitachi Semiconductor HD74AC Datasheet HTML 24Page - Hitachi Semiconductor HD74AC Datasheet HTML 25Page - Hitachi Semiconductor HD74AC Datasheet HTML 26Page - Hitachi Semiconductor HD74AC Datasheet HTML 27Page - Hitachi Semiconductor HD74AC Datasheet HTML 28Page - Hitachi Semiconductor HD74AC Datasheet HTML 29Page - Hitachi Semiconductor HD74AC Datasheet HTML 30Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Definition of Specifications
25
Consider the input. If the internal ground changes, the input voltage level appears to change to the DUT. If
the input rise time is slow enough, its level might still be in the device threshold region, or very close to it,
when the output switches. If the internally-induced voltage is large enough, it is possible to shift the
threshold region enough so that it re-crosses the input level. If the gain of the device is sufficient and the
input rise or fall time is slow enough, then the device may go into oscillation. As device propagation
delays become shorter, the inputs will have less time to rise or fall through the threshold region. As device
gains increase, the outputs will swing more, creating more induced voltage. Instantaneous current change
will be greater as outputs become quicker, generating more induced voltage.
Package-related causes of output oscillation are not entirely to blame for problems with input rise and fall
time measurements. All testers have V
CC and ground leads with a finite inductance. This inductance needs
to be added to the inductance in the package to determine the overall voltage which will be induced when
the outputs change. As the reference for the input signals moves further away from the pin under test, the
test will be more susceptible to problems caused by the inductance of the leads and stray noise. Any noise
on the input signal will also cause problems. With FACT logic having gains as high as 100, it merely takes
a 50 mV change in the input to generate a full 5 V swing on the output.
3.4 Propagation Delays, f
max, Set and Hold Times
A 1.0 MHz square wave is recommended for most propagation delay tests (figures 3 and 4) The repetition
rate must necessarily be increased for testing f
max. A 50% duty cycle should always be used when testing
f
max. Two pulse generators are usually required for testing such parameters as setup time, hold time,
recovery time etc.
DATA
IN
DATA
OUT
tpxx
tpxx
Vmi
Vmo
Vmi = 50% V
CC for HD74AC devices; 1.5 V for HD74ACT devices
Vmo = 50% V
CC for HD74AC/HD74ACT devices
Figure 3 Waveform for Inverting and Non-Inverting Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com