Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC Datasheet(PDF) 24 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 24 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 20Page - Hitachi Semiconductor HD74AC Datasheet HTML 21Page - Hitachi Semiconductor HD74AC Datasheet HTML 22Page - Hitachi Semiconductor HD74AC Datasheet HTML 23Page - Hitachi Semiconductor HD74AC Datasheet HTML 24Page - Hitachi Semiconductor HD74AC Datasheet HTML 25Page - Hitachi Semiconductor HD74AC Datasheet HTML 26Page - Hitachi Semiconductor HD74AC Datasheet HTML 27Page - Hitachi Semiconductor HD74AC Datasheet HTML 28Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Definition of Specifications
23
VCC
70% VCC
30% VCC
0.1V
0V
VCC - 0.1V
AC Test
Input Levels
DC LOW
Input Range
DC HIGH
Input Range
LOW Level
Noise
Immunity
HIGH Level
Noise
Immunity
Transition
Region
HD74ACXX Devices
Figure 2a Test Input Signal Levels
VCC
0.8V
2.0V
3.0V
0.1V
0V
VCC - 0.1V
AC Test
Input Levels
DC LOW
Input Range
DC HIGH
Input Range
LOW Level
Noise
Immunity
HIGH Level
Noise
Immunity
Transition
Region
HD74ACTXX Devices
Figure 2b Test Input Signal Levels (cont)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com