Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864-EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9864-EBZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9864-EBZ Datasheet HTML 40Page - Analog Devices AD9864-EBZ Datasheet HTML 41Page - Analog Devices AD9864-EBZ Datasheet HTML 42Page - Analog Devices AD9864-EBZ Datasheet HTML 43Page - Analog Devices AD9864-EBZ Datasheet HTML 44Page - Analog Devices AD9864-EBZ Datasheet HTML 45Page - Analog Devices AD9864-EBZ Datasheet HTML 46Page - Analog Devices AD9864-EBZ Datasheet HTML 47Page - Analog Devices AD9864-EBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Data Sheet
AD9864
Rev. A | Page 43 of 47
Split Path Rx Architecture
A split path Rx architecture may be attractive for those
applications whose instantaneous dynamic range requirements
exceed the capability of a single AD9864 device. To cope with
these higher dynamic range requirements, two AD9864 devices
can be operated in parallel with their respective clip points
offset by a fixed amount. Adding a fixed amount of attenuation
in front of the AD9864 and/or programming the attenuation
setting of its internal VGA can adjust the input-referred clip
point. To save power and simplify hardware, the LO and CLK
circuits of the device can also be shared. Connecting the
SYNCB pins of the two devices and pulsing this line low
synchronizes the two devices.
An example of this concept for possible use in a GSM base
station is shown in Figure 75. The signal chain consists of a high
linearity RF front end and IF stage followed by two AD9864
devices operating in parallel. The RF front end consists of a
duplexer and preselect filter to pass the GSM RF band of
interest. A high performance LNA isolates the duplexer from
the preselect filter while providing sufficient gain to minimize
system NF. An RF mixer is used to downconvert the entire GSM
band to a suitable IF, where much of the channel selectivity is
accomplished. The 170.6 MHz IF is chosen to avoid any self
induced spurs from the AD9864. The IF stage consists of two
SAW filters isolated by a 15 dB gain stage.
The cascaded SAW filter response must provide sufficient blocker
rejection for the receiver to meet its sensitivity requirements
under worst-case blocker conditions. A composite response
having 27 dB, 60 dB, and 100 dB rejection at frequency offsets
of ±0.8 MHz, ±1.6 MHz, and ±6.5 MHz, respectively, provides
enough blocker suppression to ensure that the AD9864 with the
lower clip point is not overdriven by any blocker. This
configuration results in the best possible receiver sensitivity
under all blocking conditions.
The output of the last SAW filters drives the two AD9864
devices via a direct signal path and an attenuated signal path.
The direct path corresponds to the AD9864 having the lowest
clip point and provides the highest receiver sensitivity with a
system noise figure of 4.7 dB. The VGA of this device is set for
maximum attenuation, so its clip point is approximately
−17 dBm. Since conversion gain from the antenna to the
AD9864 is 19 dB, the digital output of this path is nominally
selected unless the target signal’s power exceeds −36 dBm at the
antenna. The attenuated path corresponds to the AD9864
having the highest input-referred clip point, and its digital
output point of this path is set to 7 dBm by inserting a 30 dB
attenuator and setting the VGA of the AD9864 to the middle of
its 12 dB range. This setting results in a ±6 dB adjustment of the
clip point, allowing the clip point difference to be calibrated to
exactly 24 dB, so that a simple 5-bit shift would make up the
gain difference. The attenuated path can handle signal levels up
to −12 dB at the antenna before being overdriven. Because the
SAW filters provide sufficient blocker suppression, the digital
data from this path need only be selected when the target signal
exceeds −36 dBm. Although the sensitivity of the receiver with
the attenuated path is 20 dB lower than the direct path, the
strong target signal ensures a sufficiently high carrier-to-noise
ratio.
Because GSM is based on a TDMA scheme, digital data (or
path) selection can occur on a slot-by-slot basis. Configure the
AD9864 to provide serial I and Q data at a frame rate of
541.67 kSPS, as well as additional information including a 2-bit
reset field and a 6-bit RSSI field. These two fields contain the
information needed to decide whether the direct or attenuated
path is to be used for the current time slot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com