Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864-EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9864-EBZ
Description  IF Digitizing Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864-EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9864-EBZ Datasheet HTML 40Page - Analog Devices AD9864-EBZ Datasheet HTML 41Page - Analog Devices AD9864-EBZ Datasheet HTML 42Page - Analog Devices AD9864-EBZ Datasheet HTML 43Page - Analog Devices AD9864-EBZ Datasheet HTML 44Page - Analog Devices AD9864-EBZ Datasheet HTML 45Page - Analog Devices AD9864-EBZ Datasheet HTML 46Page - Analog Devices AD9864-EBZ Datasheet HTML 47Page - Analog Devices AD9864-EBZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
AD9864
Data Sheet
Rev. A | Page 44 of 47
VCO
LNA
MIXER
IF SAW 1I
F SAW 2
DUPLEXER PRESELECT
GAIN = –2dB
NF = 2dB
GAIN = 22dB
NF = 1dB
GAIN = –3dB
NF = 3dB
GAIN = 5dB
NF = 12dB
IF
AMP
GAIN = –9dB
NF = –9dB
GAIN = 15dB
NF = 2dB
13MHz
DSP
OR
ASIC
36dB
PAD
25
23
24
PE
PC
PD
33
SYNCB
31
FS
29
28
DOUTA
CLKOUT
35
19
20
CLKP
CLKN
LOP
LON
43
42
47
15
AD9864
MASTER
LOOP
FILTER
15
IO
25
23
24
PE
PC
PD
35
LOP
LON
43
42
IFIN
47
AD9864
SLAVE
31
FS
29
28
DOUTA
CLKOUT
33
SYNCB
19
20
CLKP
CLKN
IOUTL
LOOP
FILTER
CVAR
RD
RF
CP
CZ
0.1µF
LOSC
RBIAS
COSC
VDDC
IFIN
38
IO
ATTENUATED PATH WITH
CLIP POINT = 7.0dBm
DIRECT PATH WITH
CLIP POINT = –17dBm
FREF
FREF
Figure 75. Example of Split Path Rx Architecture to Increase Receiver Dynamic Range Capabilities
Hung Mixer Mode
The AD9864 can operate in hung mixer mode by tying one of
the self biasing inputs of the LO to ground (that is, GNDI), or
the positive supply (VDDI). In this mode, the AD9864 acts as a
narrow-band, band-pass Σ-∆ ADC, because its mixer passes the
IFIN signal without any frequency translation. The IFIN signal
must be centered around the resonant frequency of the Σ-∆
ADC, fCLK/8, and the clock rate, fCLK, and decimation factors
must be selected to accommodate the bandwidth of the desired
input signal. Note that the LO synthesizer can be disabled
because it is no longer required.
Because the mixer does not have any losses associated with the
mixing operation, the conversion gain through the LNA and
mixer is higher resulting in a nominal input clip point of
−24 dBm. The SNR performance is dependent on the VGA
attenuation setting, I/Q data resolution, and output bandwidth
as shown in Figure 76. Applications requiring the highest
instantaneous dynamic range must set the VGA for maximum
attenuation. Several extra decibels in SNR performance can be
gained at lower signal bandwidths by using 24-bit I/Q data.
0
105
95
BW (kHz)
85
80
80
120
140
160
40
20
60
100
100
90
MIN ATTEN WITH
24-BIT I/Q DATA
MAX ATTEN WITH
16-BIT I/Q DATA
MIN ATTEN WITH
16-BIT I/Q DATA
MAX ATTEN WITH
24-BIT I/Q DATA
fCLK = 18MSPS
Figure 76. Hung Mixer SNR vs. BW and VGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com