Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 4 Page - Analog Devices

  AD9869 Datasheet HTML 1Page - Analog Devices AD9869 Datasheet HTML 2Page - Analog Devices AD9869 Datasheet HTML 3Page - Analog Devices AD9869 Datasheet HTML 4Page - Analog Devices AD9869 Datasheet HTML 5Page - Analog Devices AD9869 Datasheet HTML 6Page - Analog Devices AD9869 Datasheet HTML 7Page - Analog Devices AD9869 Datasheet HTML 8Page - Analog Devices AD9869 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AD9869
Rev. A | Page 3 of 36
SPECIFICATIONS
Tx PATH SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%, fOSCIN = 50 MHz, fDAC = 200 MHz, RSET = 2.0 kΩ, unless otherwise noted.
Table 1.
Parameter
Temp
Test Level1
Min
Typ
Max
Unit
TxDAC DC CHARACTERISTICS
Resolution
Full
12
Bits
Update Rate
Full
II
200
MSPS
Full-Scale Output Current (IOUTP_FS)
Full
IV
2
25
mA
Gain Error2
25°C
I
±2
% FS
Offset Error
25°C
V
2
μA
Voltage Compliance Range
Full
−1
+1.5
V
TxDAC GAIN CONTROL CHARACTERISTICS
Minimum Gain
25°C
V
−7.5
dB
Maximum Gain
25°C
V
0
dB
Gain Step Size
25°C
V
0.5
dB
Gain Step Accuracy
25°C
IV
Monotonic
dB
Gain Range Error
25°C
V
±2
dB
TxDAC AC CHARACTERISTICS3
Fundamental
0.5
dBm
Signal-to-Noise and Distortion (SINAD)
Full
IV
66.6
69.2
dBc
Signal-to-Noise Ratio (SNR)
Full
IV
68.4
69.8
dBc
Total Harmonic Distortion (THD)
Full
IV
−79
−68.7
dBc
Spurious-Free Dynamic Range (SFDR)
Full
IV
68.5
81
dBc
IAMP DC CHARACTERISTICS
IOUTN Full-Scale Current = IOUTN+ + IOUTN−
Full
IV
2
105
mA
AC Voltage Compliance Range
Full
IV
1
3.9
V
IAMPN AC CHARACTERISTICS4
Fundamental
25°C
13
dBm
IOUTN SFDR (Third Harmonic)
Full
IV
43.3
45.2
dBc
REFERENCE
Internal Reference Voltage5
25°C
I
1.23
V
Reference Error
Full
V
0.7
3.4
%
Reference Drift
Full
V
30
ppm/oC
Tx DIGITAL FILTER CHARACTERISTICS (2× Interpolation)
Latency (Relative to 1/fDAC)
Full
V
43
Cycles
−0.2 dB Bandwidth
Full
V
0.2187
fOUT/fDAC
−3 dB Bandwidth
Full
V
0.2405
fOUT/fDAC
Stop-Band Rejection (0.289 fDAC to 0.711 fDAC)
Full
V
50
dB
Tx DIGITAL FILTER CHARACTERISTICS (4× Interpolation)
Latency (Relative to 1/fDAC)
Full
V
96
Cycles
−0.2 dB Bandwidth
Full
V
0.1095
fOUT/fDAC
−3 dB Bandwidth
Full
V
0.1202
fOUT/fDAC
Stop Band Rejection (0.289 fOSCIN to 0.711 fOSCIN)
Full
V
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com