Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9869 Datasheet HTML 29Page - Analog Devices AD9869 Datasheet HTML 30Page - Analog Devices AD9869 Datasheet HTML 31Page - Analog Devices AD9869 Datasheet HTML 32Page - Analog Devices AD9869 Datasheet HTML 33Page - Analog Devices AD9869 Datasheet HTML 34Page - Analog Devices AD9869 Datasheet HTML 35Page - Analog Devices AD9869 Datasheet HTML 36Page - Analog Devices AD9869 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AD9869
Rev. A | Page 32 of 36
Because the CPGA processes signals in the continuous time
domain, its performance vs. bias setting remains mostly
independent of the sample rate. Table 25 shows how the typical
current consumption seen at AVDD varies as a function of
Register 0x13, Bits[7:5], while the remaining bits are maintained at
their default settings of 0. Only four of the possible settings result
in any reduction in current consumption relative to the default
setting. Reducing the bias level typically results in degradation
in the THD vs. frequency performance as shown in Figure 35.
This is due to a reduction of the amplifier’s unity gain bandwidth,
while the SNR performance remains relatively unaffected.
Table 25. Analog Supply Current vs. CPGA Bias Settings at
fADC = 65 MSPS
Bit 7
Bit 6
Bit 5
∆mA
0
0
0
0
0
0
1
−27
0
1
0
−42
0
1
1
−51
1
0
0
−55
1
0
1
+27
1
1
0
+69
1
1
1
+27
CPGA BIAS SETTING-BITS (7:5)
000
100
010
011
001
65.0
40.0
–20
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
42.5
45.0
47.5
50.0
52.5
55.0
57.5
60.0
62.5
SNR_RxPGA = 0dB
SNR_RxPGA = 36dB
THD_RxPGA = 0dB
THD_RxPGA = 36dB
Figure 35. THD vs. fIN Performance and CPGA Bias Settings (000, 001, 010, 100
with RxPGA = 0 and +36 dB, AIN = −1 dBFS, LPF set to 26 MHz, fADC = 50 MSPS)
The SPGA is implemented as a switched capacitor amplifier,
therefore, its performance vs. bias level is mostly dependent on
the sample rate. Figure 36 shows how the typical current consump-
tion seen at AVDD varies as a function of Register 0x13, Bits[4:3]
and sample rate, while the remaining bits are maintained at the
default setting of 0. Figure 37 shows how the SNR and THD
performance is affected for a 10 MHz sine wave input as the
ADC sample rate is swept from 20 MHz to 80 MHz. The SNR
and THD performance remains relatively stable, suggesting that
the SPGA bias can often be reduced from its default setting
without impacting the device’s overall performance.
ADC SAMPLE RATE (MSPS)
20
30
40
50
60
70
80
210
170
175
180
185
190
195
200
205
01
00
10
11
Figure 36. AVDD Current vs. SPGA Bias Setting and Sample Rate
SAMPLE RATE (MSPS)
20
80
60
70
30
40
50
61
51
–54
–74
–72
–70
–68
–66
–64
–62
–60
–58
–56
52
53
54
55
56
57
58
59
60
SNR-00
SNR-01
SNR-10
SNR-11
THD-00
THD-01
THD-10
THD-11
Figure 37. SNR and THD Performance vs. fADC and SPGA Bias Setting with
RxPGA = 0 dB, fIN = 10 MHz, LPF set to 26 MHz, AIN = −1 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com