Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 1 Page - Analog Devices

  AD9869 Datasheet HTML 1Page - Analog Devices AD9869 Datasheet HTML 2Page - Analog Devices AD9869 Datasheet HTML 3Page - Analog Devices AD9869 Datasheet HTML 4Page - Analog Devices AD9869 Datasheet HTML 5Page - Analog Devices AD9869 Datasheet HTML 6Page - Analog Devices AD9869 Datasheet HTML 7Page - Analog Devices AD9869 Datasheet HTML 8Page - Analog Devices AD9869 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Broadband Modem Mixed-Signal Front End
AD9869
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low cost 3.3 V CMOS MxFE for broadband modems
12-bit DAC converter
2×/4× interpolation filter
200 MSPS DAC update rate
Integrated 17 dBm line driver with 19.5 dB gain control
12-bit, 80 MSPS, ADC converter
−12 dB to +48 dB low noise RxPGA (<3 nV/√Hz)
Third-order, programmable low-pass filter
Flexible digital data path interface
Half- and full-duplex operation
Pin compatible with the AD9866
Various power-down/reduction modes
Internal clock multiplier (PLL)
2 auxiliary programmable clock outputs
Available in a 64-lead LFCSP_VQ
APPLICATIONS
Broadband wireline networking
FUNCTIONAL BLOCK DIAGRAM
XTAL
RX–
4
6
AD9869
0 TO –7.5dB
0 TO –12dB
REGISTER
CONTROL
CLK
SYNC.
ADC
80MSPS
2-4X
IOUTN+
IOUTN–
CLKOUT1
CLKOUT2
OSCIN
RX+
IAMP
TxDAC
2-POLE
LPF
1-POLE
LPF
0 TO 6dB
∆ = 1dB
–6 TO +18dB
∆ = 6dB
–6 TO +24dB
∆ = 6dB
SPI
PORT
AGC[5:0]
PORT
RXCLK
RXEN/RXSYNC
ADIO[11:6]/
Tx[5:0]
ADIO[5:0]/
Rx[5:0]
TXCLK/TXQUIET
TXEN/TXSYNC
MODE
PWRDWN
12
12
2M CLK
MULTIPLIER
Figure 1.
GENERAL DESCRIPTION
The AD9869 is a mixed-signal front-end (MxFE®) IC for
transceiver applications requiring Tx path and Rx path
functionality with data rates up to 80 MSPS. A lower cost, pin-
compatible version of the AD9866, the AD9869 removes the
current amplifier (IAMP) IOUTP functionality and limits the
PLL VCO operating range of 80 MHz to 200 MHz.
The part is well suited for half- and full-duplex applications.
The digital interface is extremely flexible, allowing simple
interfacing to digital back ends that support half- or full-duplex
data transfers, often allowing the AD9869 to replace discrete
ADC and DAC solutions. Power-saving modes include the
ability to reduce power consumption of individual functional
blocks or power down unused blocks in half-duplex applications.
A serial port interface (SPI) allows software programming of
the various functional blocks. An on-chip PLL clock multiplier
and synthesizer provide all the required internal clocks, as well
as two external clocks, from a single crystal or clock source.
The Tx signal path consists of a 2×/4× low-pass interpolation
filter, a 12-bit TxDAC, and a line driver. The transmit path
signal bandwidth can be as high as 34 MHz at an input data rate
of 80 MSPS. The TxDAC provides differential current outputs
that can be steered directly to an external load or to an internal
low distortion current amplifier (IAMP) capable of delivering
17 dBm peak signal power. Tx power can be digitally controlled
over a 19.5 dB range in 0.5 dB steps.
The receive path consists of a programmable amplifier (RxPGA),
a tunable low-pass filter (LPF), and a 12-bit ADC. The low noise
RxPGA has a programmable gain range of −12 dB to +48 dB in
1 dB steps. Its input referred noise is less than 3 nV/√Hz for gain
settings beyond 36 dB. The receive path LPF cutoff frequency
can be set over a 15 MHz to 35 MHz range or it can be simply
bypassed. The 12-bit ADC achieves excellent dynamic performance
up to an 80 MSPS span. Both the RxPGA and the ADC offer
scalable power consumption allowing power/performance
optimization.
The AD9869 provides a highly integrated solution for many
broadband modems. It is available in a space-saving package, a
16-lead LFCSP, and is specified over the commercial temperature
range (−40°C to +85°C).


Similar Part No. - AD9869

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9869 AD-AD9869 Datasheet
860Kb / 36P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9869BCPZ AD-AD9869BCPZ Datasheet
860Kb / 36P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9869BCPZRL AD-AD9869BCPZRL Datasheet
860Kb / 36P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9869 AD-AD9869_15 Datasheet
579Kb / 36P
Broadband Modem Mixed-Signal Front End
REV. A
More results

Similar Description - AD9869

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875 Datasheet
288Kb / 24P
Broadband Modem Mixed-Signal Front End
REV.0
AD9975 AD-AD9975 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV.0
AD9876 AD-AD9876 Datasheet
666Kb / 24P
Broadband Modem Mixed-Signal Front End
10/02-Data Sheet changed from REV. 0 to REV. A.
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com