Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9869 Datasheet HTML 5Page - Analog Devices AD9869 Datasheet HTML 6Page - Analog Devices AD9869 Datasheet HTML 7Page - Analog Devices AD9869 Datasheet HTML 8Page - Analog Devices AD9869 Datasheet HTML 9Page - Analog Devices AD9869 Datasheet HTML 10Page - Analog Devices AD9869 Datasheet HTML 11Page - Analog Devices AD9869 Datasheet HTML 12Page - Analog Devices AD9869 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AD9869
Rev. A | Page 8 of 36
HALF-DUPLEX DATA INTERFACE (ADIO PORT) TIMING SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%, unless otherwise noted.
Table 6.
Parameter
Temp
Test Level1
Min
Typ
Max
Unit
READ OPERATION2 (See Figure 9)
Output Data Rate
Full
II
20
80
MSPS
Three-State Output Enable Time (tPZL)
Full
II
3
ns
Three-State Output Disable Time (tPLZ)
Full
II
3
ns
Rx Data Valid Time (tVT)
Full
II
1.5
ns
Rx Data Output Delay (tOD)
Full
II
4
ns
WRITE OPERATION (See Figure 8)
Input Data Rate (2× Interpolation)
Full
II
40
80
MSPS
Input Data Rate (4× Interpolation)
Full
II
20
50
MSPS
Tx Data Setup Time (tDS)
Full
II
1
ns
Tx Data Hold Time (tDH)
Full
II
2.5
ns
Latch Enable Time (tEN)
Full
II
3
ns
Latch Disable Time (tDIS)
Full
II
3
ns
1 See the Explanation of Test Levels section.
2 CLOAD = 5 pF for digital data outputs.
FULL-DUPLEX DATA INTERFACE (Tx AND Rx PORT) TIMING SPECIFICATIONS
AVDD = 3.3 V ± 5%, DVDD = CLKVDD = DRVDD = 3.3 V ± 10%, unless otherwise noted.
Table 7.
Parameter
Temp
Test Level1
Min
Typ
Max
Unit
Tx PATH INTERFACE (See Figure 12)
Input Nibble Rate (2× Interpolation)
Full
II
80
160
MSPS
Input Nibble Rate (4× Interpolation)
Full
II
40
100
MSPS
Tx Data Setup Time (tDS)
Full
II
2.5
ns
Tx Data Hold Time (tDH)
Full
II
1.5
ns
Rx PATH INTERFACE2 (See Figure 13)
Output Nibble Rate
Full
II
40
160
MSPS
Rx Data Valid Time (tDV)
Full
II
3
ns
Rx Data Hold Time (tDH)
Full
II
0
ns
1 See the Explanation of Test Levels section.
2 CLOAD = 5 pF for digital data outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com