Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9869 Datasheet HTML 6Page - Analog Devices AD9869 Datasheet HTML 7Page - Analog Devices AD9869 Datasheet HTML 8Page - Analog Devices AD9869 Datasheet HTML 9Page - Analog Devices AD9869 Datasheet HTML 10Page - Analog Devices AD9869 Datasheet HTML 11Page - Analog Devices AD9869 Datasheet HTML 12Page - Analog Devices AD9869 Datasheet HTML 13Page - Analog Devices AD9869 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
AD9869
Rev. A | Page 9 of 36
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
ELECTRICAL
AVDD, CLKVDD Voltage
3.9 V maximum
DVDD, DRVDD Voltage
3.9 V maximum
RX+, RX−, REFT, REFB
−0.3 V to AVDD + 0.3 V
IOUTP+, IOUTP−
−1.5 V to AVDD + 0.3 V
IOUTN+, IOUTN−
−0.3 V to +3.9 V
OSCIN, XTAL
−0.3 V to CLVDD + 0.3 V
REFIO, REFADJ
−0.3 V to AVDD + 0.3 V
Digital Input and Output Voltage
−0.3 V to DRVDD + 0.3 V
Digital Output Current
5 mA maximum
ENVIRONMENTAL
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
125°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance: 64-lead LFCSP (4-layer board).
θJA = 24°C/W (paddle soldered to ground plane, 0 LPM air).
θJA = 30.8°C/W (paddle not soldered to ground plane, 0 LPM air).
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and guaranteed by design
and characterization at specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C and guaranteed by design
and characterization for industrial temperature range.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com