Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9869 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9869
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9869 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9869 Datasheet HTML 26Page - Analog Devices AD9869 Datasheet HTML 27Page - Analog Devices AD9869 Datasheet HTML 28Page - Analog Devices AD9869 Datasheet HTML 29Page - Analog Devices AD9869 Datasheet HTML 30Page - Analog Devices AD9869 Datasheet HTML 31Page - Analog Devices AD9869 Datasheet HTML 32Page - Analog Devices AD9869 Datasheet HTML 33Page - Analog Devices AD9869 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
AD9869
Rev. A | Page 29 of 36
CLKOUT1 is a divided version of the VCO output and can be
set to be a submultiple integer of fDAC (fDAC/2R, where R = 0, 1, 2,
or 3). Because this clock is derived from the same set of dividers
used within the PLL core, it is phase-locked to the dividers such
that its phase relationship relative to the signal appearing at
OSCIN (or RXCLK) can be determined upon power-up. In
addition, this clock has a near 50% duty cycle because it is
derived from the VCO. As a result, CLKOUT1 should be
selected before CLKOUT2 as the primary source for system
clock distribution.
CLKOUT2 is a divided version of the reference frequency, fOSCIN,
and can be set to be a submultiple integer of fOSCIN (fOSCIN/2L,
where L = 0, 1, or 2). With L set to 0, the output of CLKOUT2 is
a delayed version of the signal appearing at OSCIN, exhibiting
the same duty cycle characteristics. With L set to 1 or 2, the output
of CLKOUT2 is a divided version of the OSCIN signal, exhibiting
a near 50% duty cycle, but without having a deterministic phase
relationship relative to CLKOUT1 (or RXCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com