Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CS Datasheet(PDF) 8 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 4Page - ON Semiconductor AR0230CS Datasheet HTML 5Page - ON Semiconductor AR0230CS Datasheet HTML 6Page - ON Semiconductor AR0230CS Datasheet HTML 7Page - ON Semiconductor AR0230CS Datasheet HTML 8Page - ON Semiconductor AR0230CS Datasheet HTML 9Page - ON Semiconductor AR0230CS Datasheet HTML 10Page - ON Semiconductor AR0230CS Datasheet HTML 11Page - ON Semiconductor AR0230CS Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AR0230CS
www.onsemi.com
8
Table 3.
PIN DESCRIPTION, 80−BALL IBGA (continued)
Pin Number
Description
Type
Pin Name
DOUT2
J1
Output
Parallel pixel data output.
DOUT1
J3
Output
Parallel pixel data output.
DOUT0
J4
Output
Parallel pixel data output (LSB)
OE_BAR
J8
Input
Output enable (active LOW).
PIXEL DATA FORMAT
Pixel Array Structure
While the sensor’s format is 1928 x 1088, additional
active columns and active rows are included for use when
horizontal or vertical mirrored readout is enabled, to allow
readout to start on the same pixel. The pixel adjustment is
always performed for monochrome or color versions. The
active area is surrounded with optically transparent dummy
pixels to improve image uniformity within the active area.
Not all dummy pixels or barrier pixels can be read out.
Figure 5. Pixel Array Description
1944
1116
Light dummy
pixel
Active pixel
10 barrier + 4 border pixels
2 barrier + 6 border pixels
10 barrier + 4 border pixels
2 barrier + 6 border pixels
1928
! x 1088
5.78 mm
x 3.26 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com