Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CS Datasheet(PDF) 10 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 6Page - ON Semiconductor AR0230CS Datasheet HTML 7Page - ON Semiconductor AR0230CS Datasheet HTML 8Page - ON Semiconductor AR0230CS Datasheet HTML 9Page - ON Semiconductor AR0230CS Datasheet HTML 10Page - ON Semiconductor AR0230CS Datasheet HTML 11Page - ON Semiconductor AR0230CS Datasheet HTML 12Page - ON Semiconductor AR0230CS Datasheet HTML 13Page - ON Semiconductor AR0230CS Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AR0230CS
www.onsemi.com
10
FEATURES OVERVIEW
For a complete description, recommendations, and usage
guidelines for product features, refer to the AR0230CS
Developer Guide.
3.0
mm Dual Conversion Gain Pixel
To improve the low light performance and keep the high
dynamic range, a large (3.0um) dual conversion gain pixel
is implemented for better image optimization. With a dual
conversion gain pixel, the conversion gain of the pixel may
be dynamically changed to better adapt the pixel response
based on dynamic range of the scene. This gain can be
switched manually or automatically by an auto exposure
control module.
HDR
By default, the sensor powers up in HDR Mode. The HDR
scheme used is multi−exposure HDR. This allows the sensor
to handle up to 96 dB of dynamic range. In HDR mode, the
sensor sequentially captures two exposures by maintaining
two separate read and reset pointers that are interleaved
within the rolling shutter readout. The intermediate pixel
values are stored in line buffers while waiting for the two
exposure values to be present. As soon as a pixel’s two
exposure values are available, they are combined to create
a linearized 16−bit value for each pixel’s response. The
exposure ratio may be set to 4x, 8x, 16x, or 32x. Depending
on whether HiSPi or Parallel mode is selected, the full 16 bit
value may be output, it can be compressed to 12 bits using
Adaptive Local Tone Mapping (ALTM), or companded to
12 or 14 bits.
Options to output T1 only, T2 only, or pixel interleaved
data are also available. Individual exposures may be read out
in a line interleaved mode as described in the T1/T2 Line
Interleaved Mode section.
Resolution
The active array supports a maximum of 1928x1088
pixels to support 1080p resolution. Utilizing a 3.0um pixel
will result in an optical format of 1/2.7−inch (approximately
6.6mm diagonal).
Frame Rate
At full (1080p) resolution, the AR0230CS is capable of
running up to 3060 fps.
Image Acquisition Mode
The AR0230CS supports two image acquisition modes:
• Electronic rolling shutter (ERS) mode
This is the normal mode of operation. When the
AR0230CS is streaming, it generates frames at a fixed rate,
and each frame is integrated (exposed) using the ERS. When
ERS mode is in use, timing and control logic within the
sensor sequences through the rows of the array, resetting and
then reading each row in turn. In the time interval between
resetting a row and subsequently reading that row, the pixels
in the row integrate incident light. The integration
(exposure) time is controlled by varying the time between
row reset and row readout. For each row in a frame, the time
between row reset and row readout is the same, leading to a
uniform integration time across the frame. When the
integration time is changed (by using the two−wire serial
interface to change register settings), the timing and control
logic controls the transition from old to new integration
time in such a way that the stream of output frames from
the AR0230CS switches cleanly from the old integration
time to the new while only generating frames with uniform
integration. See “Changes to Integration Time” in the
AR0230CS Register Reference.
• Global reset mode.
This mode can be used to acquire a single image at the
current resolution. In this mode, the end point of the pixel
integration
time
is
controlled
by
an
external
electromechanical shutter, and the AR0230CS provides
control signals to interface to that shutter. The benefit of
using an external electromechanical shutter is that it
eliminates the visual artifacts associated with ERS
operation. Visual artifacts arise in ERS operation,
particularly at low frame rates, because an ERS image
effectively integrates each row of the pixel array at a
different point in time.
Embedded Data and Statistics
The AR0230CS has the capability to output image data
and statistics embedded within the frame timing. There are
two types of information embedded within the frame
readout.
• Embedded Data:
If enabled, these are displayed on the two rows
immediately before the first active pixel row is
displayed.
• Embedded Statistics:
If enabled, these are displayed on the two rows
immediately after the last active pixel row is displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com