Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CS Datasheet(PDF) 17 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 13Page - ON Semiconductor AR0230CS Datasheet HTML 14Page - ON Semiconductor AR0230CS Datasheet HTML 15Page - ON Semiconductor AR0230CS Datasheet HTML 16Page - ON Semiconductor AR0230CS Datasheet HTML 17Page - ON Semiconductor AR0230CS Datasheet HTML 18Page - ON Semiconductor AR0230CS Datasheet HTML 19Page - ON Semiconductor AR0230CS Datasheet HTML 20Page - ON Semiconductor AR0230CS Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AR0230CS
www.onsemi.com
17
DC ELECTRICAL CHARACTERISTICS
The DC electrical characteristics are shown in the tables
below.
Table 7.
DC ELECTRICAL CHARACTERISTICS
Definition
Symbol
Condition
Min
Typ
Max
Unit
VDD
Core digital voltage
1.7
1.8
1.95
V
VDD_IO
I/O digital voltage
1.7/2.5
1.8/2.8
1.9/3.1
V
VAA
Analog voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.5
2.8
3.1
V
VDD_PLL
PLL supply voltage
2.5
2.8
3.1
V
VDD_SLVS
HiSPi supply voltage
0.3
0.4
0.6
V
VIH
Input HIGH voltage
VDD_IO*0.7
–
–
V
VIL
Input LOW voltage
–
–
VDD_IO*0.3
V
IIN
Input leakage current
No pull−up resistor; VIN
= VDD_IO or DGND
20
–
–
μA
VOH
Output HIGH voltage
VDD_IO−0.3
–
–
V
VOL
Output LOW voltage
–
–
0.4
V
IOH
Output HIGH current
At specified VOH
−22
–
–
mA
IOL
Output LOW current
At specified VOL
–
–
22
mA
CAUTION: Stresses greater than those listed in Table 8 may cause
permanent damage to the device. This is a stress rating only,
and functional operation of the device at these or any other
conditions above those indicated in the operational sections of
this specification is not implied.
Table 8.
ABSOLUTE MAXIMUM RATINGS
Symbol
Definition
Condition
Typ
Max
Unit
VDD_MAX
Core digital voltage
−0.3
2.4
V
VDD_IO_MAX
I/O digital voltage
–0.3
4
V
VAA_MAX
Analog voltage
–0.3
4
V
VAA_PIX
Pixel supply voltage
–0.3
4
V
VDD_PLL
PLL supply voltage
–0.3
4
V
VDD_SLVS_MAX
HiSPi I/O digital voltage
–0.3
2.4
V
tST
Storage temperature
–40
85
°C
1. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 9.
1080p30 HDR (ALTM) 74 MHz Parallel 2.8V
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital operating current
Streaming 1080p30
IDD
1.8
90
175
220
I/O digital operating current
Streaming 1080p30
IDD_IO
2.8
10
30
50
Analog operating current
Streaming 1080p30
IAA
2.8
35
45
85
Pixel supply current
Streaming 1080p30
IAA_PIX
2.8
2
4
7
PLL supply current
Streaming 1080p30
IDD_PLL
2.8
5.5
6.2
7
Power (mW)
309
557.76
813.2
2. Operating currents are measured in mA at the following conditions:
− VAA = VAA_PIX = VDD_PLL = VDD_IO = 2.8 V
− VDD = 1.8 V
− PLL Enabled and PIXCLK = 74.25 Mhz
− Low power mode enabled
− TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com