Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CS Datasheet(PDF) 19 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 15Page - ON Semiconductor AR0230CS Datasheet HTML 16Page - ON Semiconductor AR0230CS Datasheet HTML 17Page - ON Semiconductor AR0230CS Datasheet HTML 18Page - ON Semiconductor AR0230CS Datasheet HTML 19Page - ON Semiconductor AR0230CS Datasheet HTML 20Page - ON Semiconductor AR0230CS Datasheet HTML 21Page - ON Semiconductor AR0230CS Datasheet HTML 22Page - ON Semiconductor AR0230CS Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AR0230CS
www.onsemi.com
19
6. Operating currents are measured in mA at the following conditions:
− VAA = VAA_PIX = VDD_PLL = 2.8 V
− VDD = VDD_IO= 1.8 V
− VDD_SLVS= 0.4V
− PLL Enabled and PIXCLK = 37.125 MHz
− 4−lane HiSPi mode
− Low power mode enabled
− TA = 25
°C
Table 14.
1080p30 Linear 74 MHz HiSPi SLVS
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital Operating Current
Streaming 1080p30
IDD
1.8
75
115
155
Analog Operating Current
Streaming 1080p30
IAA
2.8
20
30
50
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.4
8.5
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
0.4
3
9
14
Power (mW)
211.8
323.72
468
7. Operating currents are measured in mA at the following conditions:
− VAA = VAA_PIX = VDD_PLL =2.8 V
− VDD = VDD_IO= 1.8 V
− VDD_SLVS= 0.4V
− PLL Enabled and PIXCLK = 74.25 MHz
− 4−lane HiSPi mode
− Low power mode enabled
− TA = 25
°C
Table 15.
1080p30 HDR (ALTM) 74 MHz HiSPi HiVcm (Low Power Mode)
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital Operating Current
Streaming 1080p30
IDD
1.8
145
175
235
Analog Operating Current
Streaming 1080p30
IAA
2.8
25
46
65
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
4
7
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.4
8.5
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
1.8
10
20
30
Power (mW)
368.6
511.72
702.4
8. Operating currents are measured in mA at the following conditions:
− VAA = VAA_PIX = VDD_PLL =2.8 V
− VDD = VDD_IO = VDD_SLVS = 1.8 V
− PLL Enabled and PIXCLK = 37.125 MHz
− 4−lane HiSPi mode
− Low power mode enabled
− TA = 25
°C
Table 16.
1080p30 Linear 74Mhz HiSPi HiVcm
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital Operating Current
Streaming 1080p30
IDD
1.8
75
115
155
Analog Operating Current
Streaming 1080p30
IAA
2.8
20
30
50
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3
7
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
6
7.4
8.5
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
1.8
10
20
30
Power (mW)
228.6
356.12
516.4
9. Operating currents are measured in mA at the following conditions:
− VAA = VAA_PIX = VDD_PLL =2.8 V
− VDD = VDD_IO = VDD_SLVS= 1.8 V
− PLL Enabled and PIXCLK = 74.25 MHz
− 4−lane HiSPi mode
− Low power mode enabled
− TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com