Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0230CS Datasheet(PDF) 20 Page - ON Semiconductor

Part # AR0230CS
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CS Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AR0230CS Datasheet HTML 16Page - ON Semiconductor AR0230CS Datasheet HTML 17Page - ON Semiconductor AR0230CS Datasheet HTML 18Page - ON Semiconductor AR0230CS Datasheet HTML 19Page - ON Semiconductor AR0230CS Datasheet HTML 20Page - ON Semiconductor AR0230CS Datasheet HTML 21Page - ON Semiconductor AR0230CS Datasheet HTML 22Page - ON Semiconductor AR0230CS Datasheet HTML 23Page - ON Semiconductor AR0230CS Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AR0230CS
www.onsemi.com
20
Table 17.
Line Interleaved HiSPi SLVS
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital Operating Current
Streaming 1080p30
IDD
1.8
185
230
265
Analog Operating Current
Streaming 1080p30
IAA
2.8
20
36
55
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3.3
7
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
7
8.2
9.5
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
0.4
3
9
14
Power (mW)
412.6
550.6
668.8
10. Operating currents are measured in mA at the following conditions:
− VAA = VAA_PIX = VDD_PLL =2.8 V
− VDD = VDD_IO= 1.8 V
− VDD_SLVS= 0.4 V
− PLL Enabled and PIXCLK = 74.25 MHz
− 4−lane HiSPi mode
− TA= 25
°C
Table 18.
Line Interleaved HiSPi HiVcm
Definition
Condition
Symbol
Voltage
Min
Typ
Max
Digital Operating Current
Streaming 1080p30
IDD
1.8
185
230
265
Analog Operating Current
Streaming 1080p30
IAA
2.8
20
36
55
Pixel Supply Current
Streaming 1080p30
IAA_PIX
2.8
1
3.3
7
PLL Supply Current
Streaming 1080p30
IDD_PLL
2.8
7
8.2
9.5
SLVS Supply Current
Streaming 1080p30
IDD_SLVS
1.8
10
20
30
Power (mW)
429.4
583
717.2
11. Operating currents are measured in mA at the following conditions:
− VAA = VAA_PIX = VDD_PLL = 2.8 V
− VDD= VDD_IO = 1.8 V
− VDD_SLVS = 1.8 V
− PLL Enabled and PIXCLK = 74.25 MHz
− 4−lane HiSPi mode
− TA= 25
°C
HiSPi Electrical Specifications
The ON Semiconductor AR0230CS sensor supports both
SLVS and HiVCM HiSPi modes. Refer to the High−Speed
Serial Pixel (HiSPi) Interface Physical Layer Specification
v2.00.00 for electrical definitions, specifications, and
timing information. The VDD_SLVS supply in this datasheet
corresponds to VDD_TX in the HiSPi Physical Layer
Specification. Similarly, VDD is equivalent to VDD_HiSPi as
referenced in the specification. The DLL as implemented on
AR0230CS is limited in the number of available delay steps
and differs from the HiSPi specification as described in this
section.
Table 19.
CHANNEL SKEW
(Measurement Conditions: _VDD_HiSPi = 1.8V;VDD_HiSPi_TX = 0.4V; Data Rate = 480 Mbps; DLL set to 0)
Data Lane Skew in Reference to Clock
tCHSKEW1PHY
−150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com