Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6022T-E/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP6022T-E/ST Datasheet HTML 1Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 2Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 3Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MCP6021/2/3/4
DS21685B-page 4
 2003 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
FIGURE 1-1:
Timing diagram for the CS
pin on the MCP6023.
Electrical Specifications: Unless otherwise indicated, VDD = +2.5V to +5.5V and VSS = GND.
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges
Industrial Temperature Range
TA
-40
—
+85
°C
Extended Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-PDIP
θJA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—163
—
°C/W
Thermal Resistance, 8L-TSSOP
θJA
—124
—
°C/W
Thermal Resistance, 14L-PDIP
θJA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—120
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—100
—
°C/W
Note 1:
The industrial temperature devices operate over this extended temperature range, but with reduced
performance. In any case, the internal junction temperature (TJ) must not exceed the absolute maximum
specification of 150°C.
Hi-Z
tON
CS
tOFF
VOUT
50 nA (typ.)
Hi-Z
ISS
ICS
10 nA (typ.)
10 nA (typ.)
10 nA (typ.)
50 nA (typ.)
1mA (typ.)
Amplifier On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com