Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6022T-E/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6022T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 16Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2003 Microchip Technology Inc.
DS21685B-page 13
MCP6021/2/3/4
To use the internal mid-supply reference for an
inverting gain circuit, connect the VREF pin to the non-
inverting input, as shown in Figure 3-4. The capacitor
CB helps reduce power supply noise on the output.
FIGURE 3-4:
Inverting gain circuit using
VREF (MCP6021 and MCP6023 only).
If you don’t need the mid-supply reference, leave the
VREF pin open.
3.5
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases, and the closed loop bandwidth is
reduced. This produces gain-peaking in the frequency
response, with overshoot and ringing in the step
response.
When driving large capacitive loads with these op
amps (e.g., > 60 pF when G = +1), a small series
resistor at the output (RISO in Figure 3-5) improves the
feedback loop’s phase margin (stability) by making the
load resistive at higher frequencies. The bandwidth will
be generally lower than the bandwidth with no
capacitive load.
FIGURE 3-5:
Output resistor RISO
stabilizes large capacitive loads.
Figure 3-6 gives recommended RISO values for
different capacitive laods and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
gain are equal. For inverting gains, GN is 1+|Gain| (e.g.,
-1 V/V gives GN = +2 V/V).
FIGURE 3-6:
Recommended RISO values
for capacitive loads.
After selecting RISO for your circuit, double-check the
resulting frequency response peaking and step
response overshoot. Evaluation on the bench and
simulations with the MCP6021/2/3/4 Spice macro
model are very helpful. Modify RISO’s value until the
response is reasonable.
3.6
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good, high-frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with other parts.
3.7
PCB Surface Leakage
In applications where low input bias current is critical,
PCB (printed circuit board) surface-leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow, which is greater than the
MCP6021/2/3/4 family’s bias current at 25°C (1 pA,
typ).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in Figure 3-7.
FIGURE 3-7:
Example guard ring layout.
VIN
RG
RF
VOUT
VREF
CB
VIN
MCP602X
RISO
VOUT
CL
10
100
1,000
10
100
1,000
10,000
Normalized Capacitance; CL/GN (pF)
GN
+1
Guard Ring
VIN–VIN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com