Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6022T-E/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/ST Datasheet(HTML) 5 Page - Microchip Technology

  MCP6022T-E/ST Datasheet HTML 1Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 2Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 3Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2003 Microchip Technology Inc.
DS21685B-page 5
MCP6021/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2, RL =10kΩ to VDD/2,
VOUT ≈ VDD/2 and CL = 60 pF.
FIGURE 2-1:
Input Offset Voltage,
(Industrial Temperature Parts).
FIGURE 2-2:
Input Offset Voltage,
(Extended Temperature Parts).
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 2.5V.
FIGURE 2-4:
Input Offset Voltage Drift,
(Industrial Temperature Parts).
FIGURE 2-5:
Input Offset Voltage Drift,
(Extended Temperature Parts).
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage (µV)
1192 Samples
TA = +25°C
I-Temp
Parts
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
Input Offset Voltage (µV)
438 Samples
VDD = 5.0V
VCM = 0V
TA = +25°C
E-Temp
Parts
-500
-400
-300
-200
-100
0
100
200
300
400
500
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Common Mode Input Voltage (V)
VDD = 2.5V
-40°C
+25°C
+85°C
+125°C
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
Input Offset Voltage Drift (µV/°C)
1192 Samples
TA = -40°C to +85°C
I-Temp
Parts
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
26%
Input Offset Voltage Drift (µV/°C)
438 Samples
VCM = 0V
TA = -40°C to +125°C
E-Temp
Parts
-500
-400
-300
-200
-100
0
100
200
300
400
500
Common Mode Input Voltage (V)
VDD = 5.5V
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com