Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6022T-E/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6022T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2003 Microchip Technology Inc.
DS21685B-page 9
MCP6021/2/3/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2, RL =10kΩ to VDD/2,
VOUT ≈ VDD/2 and CL = 60 pF.
FIGURE 2-25:
Slew Rate vs. Temperature.
FIGURE 2-26:
Total Harmonic Distortion
plus Noise vs. Output Voltage with f = 1 kHz.
FIGURE 2-27:
The MCP6021/2/3/4 family
shows no phase reversal under overdrive.
FIGURE 2-28:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-29:
Total Harmonic Distortion
plus Noise vs. Output Voltage with f = 20 kHz.
FIGURE 2-30:
Channel-to-Channel
Separation vs. Frequency (MCP6022 and
MCP6024 only).
0
1
2
3
4
5
6
7
8
9
10
11
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling, VDD = 2.5V
Rising, VDD = 2.5V
Falling, VDD = 5.5V
Rising, VDD = 5.5V
0.0001%
0.0010%
0.0100%
0.1000%
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Output Voltage (VP-P)
f = 1 kHz
BWMeas = 22 kHz
VDD = 5.0V
G = +1 V/V
G = +10 V/V
G = +100 V/V
-1
0
1
2
3
4
5
6
0.0E+00
1.0E-05
2.0E-05
3.0E-05
4.0E-05
5.0E-05
6.0E-05
7.0E-05
8.0E-05
9.0E-05
1.0E-04
Time (10 µs/div)
VDD = 5V
G = +1 V/V
VIN
VOUT
0.1
1
10
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
VDD = 5.5V
10k
100k
1M
10M
VDD = 2.5V
0.0001%
0.0010%
0.0100%
0.1000%
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Output Voltage (VP-P)
G = +10 V/V
f = 20 kHz
BWMeas = 80 kHz
VDD = 5.0V
G = +1 V/V
G = +100 V/V
105
110
115
120
125
130
135
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
1k
1M
100k
10k
G = +1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com