Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6022T-E/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6022T-E/ST
Description  Rail-to-Rail Input/Output, 10 MHz Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6022T-E/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6022T-E/ST Datasheet HTML 4Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 5Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 6Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6022T-E/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP6021/2/3/4
DS21685B-page 8
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2, RL =10kΩ to VDD/2,
VOUT ≈ VDD/2 and CL = 60 pF.
FIGURE 2-19:
DC Open-Loop Gain vs.
Load Resistance.
FIGURE 2-20:
Small Signal DC Open-Loop
Gain vs. Output Voltage Headroom.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Temperature.
FIGURE 2-22:
DC Open-Loop Gain vs.
Temperature.
FIGURE 2-23:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage.
FIGURE 2-24:
Gain Bandwidth Product,
Phase Margin vs. Output Voltage.
80
90
100
110
120
130
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance ( )
VDD = 5.5V
VDD = 2.5V
100
1k
10k
100k
70
80
90
100
110
120
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Voltage Headroom (V);
VDD - VOH or VOL - VSS
VCM = VDD/2
VDD = 2.5V
VDD = 5.5V
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
GBWP, VDD = 5.5V
GBWP, VDD = 2.5V
PM,
VDD = 2.5V
PM,
VDD = 5.5V
90
95
100
105
110
115
120
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.5V
0
2
4
6
8
10
12
14
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Common Mode Input Voltage (V)
0
15
30
45
60
75
90
105
Gain Bandwidth Product
Phase Margin, G = +1
VDD = 5.0V
0
2
4
6
8
10
12
14
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Output Voltage (V)
0
15
30
45
60
75
90
105
Gain Bandwidth Product
Phase Margin, G = +1
VDD = 5.0V
VCM = VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com